Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM44D64 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MCM44D64
Description  1MB R4000 Secondary Cache Fast Static RAM Module Set
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM44D64 Datasheet(HTML) 3 Page - Motorola, Inc

  MCM44D64 Datasheet HTML 1Page - Motorola, Inc MCM44D64 Datasheet HTML 2Page - Motorola, Inc MCM44D64 Datasheet HTML 3Page - Motorola, Inc MCM44D64 Datasheet HTML 4Page - Motorola, Inc MCM44D64 Datasheet HTML 5Page - Motorola, Inc MCM44D64 Datasheet HTML 6Page - Motorola, Inc MCM44D64 Datasheet HTML 7Page - Motorola, Inc MCM44D64 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MCM4464 SERIES
3
MOTOROLA FAST SRAM
ABSOLUTE MAXIMUM RATINGS (Voltages Referenced to VSS = 0 V)
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
– 0.5 to 7.0
V
Voltage Relative to VSS
Vin, Vout
– 0.5 to VCC + 0.5
V
Output Current (per I/O)
Iout
± 30
mA
Power Dissipation
PD
10
W
Temperature Under Bias
Tbias
– 10 to + 85
°C
Operating Temperature
TA
0 to + 70
°C
Storage Temperature
Tstg
– 25 to +125
°C
NOTE: Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are
exceeded. Functional operation should be restricted to RECOMMENDED OPER-
ATING CONDITIONS. Exposure to higher than recommended voltages for
extended periods of time could affect device reliability.
DC OPERATING CONDITIONS AND CHARACTERISTICS
(VCC = 5.0 V ± 10%, TA = 0 to + 70°C, Unless Otherwise Noted)
RECOMMENDED OPERATING CONDITIONS (Voltages referenced to VSS = 0 V)
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage (Operating Voltage Range)
VCC
4.5
5.0
5.5
V
Input High Voltage
(DQ0 – 35, TDQ0 – 7, WE, A0)
(A1 – A15, OE, DCS, TCS)
VIH
2.2
2.0
VCC + 0.3 V*
VCC + 0.3 V*
V
Input Low Voltage
VIL
– 0.5
**
0.8
V
* VIH (max) = VCC + 0.3 V dc; VIH (max) = VCC + 2 V ac (pulse width ≤ 20 ns)
** VIL (min) = – 3.0 V ac (pulse width ≤ 20 ns)
DC CHARACTERISTICS
Parameter
Symbol
Min
Typ
Max
Unit
Input Leakage Current (All Inputs, Vin = 0 to VCC)
Ilkg(I)
± 10
µA
Output Leakage Current (G, xCS = VIH, Vout = 0 to VCC)
Ilkg(O)
± 10
µA
AC Supply Current (G, xCS = VIL, Iout = 0 mA)
ICCA
1850
mA
Output Low Voltage (IOL = + 8 mA)
VOL
0.4
V
OUtput High Voltage (IOH = – 4.0 mA)
VOH
2.4
V
Note: Good decoupling of the local power supply should always be used.
CAPACITANCE (f = 1.0 MHz, dV = 3.0 V, TA = 25°C, Periodically Sampled Rather Than 100% Tested)
Parameter
Symbol
Typ
Max
Unit
Input Capacitance
(A0, WE)
(A1 – A15, OE, DCS, TCS)
Cin
Cin
110
10
pF
pF
Input/Output Capacitance
Cout
10
pF
This devices on this module contain circuitry
to protect the inputs against damage due to
high static voltages or electric fields; however,
it is advised that normal precautions be taken
to avoid application of any voltage higher than
maximum rated voltages to these high–imped-
ance circuits.
These BiCMOS memory circuits have been
designed to meet the dc and ac specifications
shown in the tables, after thermal equilibrium
has been established. The module is in a test
socket or mounted on a printed circuit board
and transverse air flow of at leat 500 linear feet
per minute is maintained.


Similar Part No. - MCM44D64

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM44D256B MOTOROLA-MCM44D256B Datasheet
81Kb / 8P
   4MB R4000 Secondary Cache Fast Static RAM Module Set
More results

Similar Description - MCM44D64

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM44256B MOTOROLA-MCM44256B Datasheet
81Kb / 8P
   4MB R4000 Secondary Cache Fast Static RAM Module Set
MCM36F8 MOTOROLA-MCM36F8 Datasheet
123Kb / 11P
   1MB and 2MB Synchronous Fast Static RAM Module
MCM72F6 MOTOROLA-MCM72F6 Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
MCM72F6A MOTOROLA-MCM72F6A Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
logo
ACCUTEK MICROCIRCUIT CO...
AKCM6432T ACCUTEK-AKCM6432T_09 Datasheet
234Kb / 9P
   512KB SECONDARY CACHE MODULE
logo
Motorola, Inc
MCM32N864 MOTOROLA-MCM32N864 Datasheet
47Kb / 4P
   256KB Secondary Cache Module
MCM32A732 MOTOROLA-MCM32A732 Datasheet
172Kb / 12P
   128KB/256KB Secondary Cache Module
logo
Weida Semiconductor, In...
WCMC1616V9X WEIDA-WCMC1616V9X Datasheet
217Kb / 13P
   1Mb x 16 Pseudo Static RAM
logo
Motorola, Inc
MCM72F10 MOTOROLA-MCM72F10 Datasheet
138Kb / 11P
   8MB Synchronous Fast Static RAM Module
MPC2105C MOTOROLA-MPC2105C Datasheet
229Kb / 18P
   512KB and 1MB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com