Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1224UTC-S400-A6 Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part No. 1224UTC-S400-A6
Description  Popular T-1 round package
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

1224UTC-S400-A6 Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

Back Button 1224UTC-S400-A6 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 1224UTC-S400-A6 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 1224UTC-S400-A6 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 1224UTC-S400-A6 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 1224UTC-S400-A6 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 1224UTC-S400-A6 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 1224UTC-S400-A6 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 1224UTC-S400-A6 Datasheet HTML 9Page - Everlight Electronics Co., Ltd 1224UTC-S400-A6 Datasheet HTML 10Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
LifecyclePhase:
Revision
: 2
Expired Period: Forever
Release Date:2009-07-28 13:48:43.0
Technical Data Sheet
1224UTC/S400-A6
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev
2
Page: 6 of 11
Device Number: DLE-0001260
Established date:04/16/2009
Established by : Ruby Lin
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
5
10
15
20
25
Forward Voltage(V)
0
20
40
60
80
100
0
10
20
30
40
Ambient Temperature Ta(
OC)
Typical Electro-Optical Characteristics Curves
Relative Intensity vs. Wavelength
Forward Current vs. Forward Voltage
Relative Intensity vs. Forward Current
Forward Current vs. Ambient Temp.
Chromaticity Coordinate vs. Forward Current
Relative Intensity vs. Angle Dispacement
0
10
20
30
40
50
0.260
0.270
0.280
0.290
0.300
Forward Current(mA)
x
y
350
400
450
500
550
600
650
700
750
800
0.0
0.2
0.4
0.6
0.8
1.0
Wavelength(nm)
0
5
10
15
20
25
0.0
0.5
1.0
1.5
Forward Current(mA)
0
10
20
30
40
50
60
70
80
90
O
O
O
O
O
O
O
O
O
O
0
1.0
1.0
0.5
30
O
60
O
90
O
0
0.5
Radiation Angle


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn