Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1224UTC-S400-A6 Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part No. 1224UTC-S400-A6
Description  Popular T-1 round package
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

1224UTC-S400-A6 Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  1224UTC-S400-A6 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 1224UTC-S400-A6 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 1224UTC-S400-A6 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 1224UTC-S400-A6 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 1224UTC-S400-A6 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 1224UTC-S400-A6 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 1224UTC-S400-A6 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 1224UTC-S400-A6 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 1224UTC-S400-A6 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LifecyclePhase:
Revision
: 2
Expired Period: Forever
Release Date:2009-07-28 13:48:43.0
Technical Data Sheet
1224UTC/S400-A6
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev
2
Page: 4 of 11
Device Number: DLE-0001260
Established date:04/16/2009
Established by : Ruby Lin
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
Forward Voltage
VF
IF=20mA
3.0
--
4.0
V
Zener Reverse Voltage
Vz
Iz=5mA
5.2
--
--
V
Reverse Current
IR
VR=5V
--
--
50
uA
Luminous Intensity
IV
IF=20mA
715
--
2850
mcd
Viewing Angle
2θ1/2
IF=20mA
--
25
--
deg
x
--
0.29
--
--
Chromaticity
Coordinates
y
IF=20mA
--
0.28
--
--
Luminous Intensity Combination (mcd at 20mA)
IV
Ranks
H
J
K
L
M
N
Min.
715
900
1125
1425
1800
2250
Max.
900
1125
1425
1800
2250
2850
*Measurement Uncertainty of Luminous Intensity: ±15%
Forward Voltage Combination (V at 20mA)
Rank
1
2
Forward Voltage
3.0~3.5
3.5~4.0
*Measurement Uncertainty of Forward Voltage:±0.1V


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn