Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1224UTC-S400-A6 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part No. 1224UTC-S400-A6
Description  Popular T-1 round package
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

1224UTC-S400-A6 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  1224UTC-S400-A6 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 1224UTC-S400-A6 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 1224UTC-S400-A6 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 1224UTC-S400-A6 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 1224UTC-S400-A6 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 1224UTC-S400-A6 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 1224UTC-S400-A6 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 1224UTC-S400-A6 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 1224UTC-S400-A6 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LifecyclePhase:
Revision
: 2
Expired Period: Forever
Release Date:2009-07-28 13:48:43.0
Technical Data Sheet
1224UTC/S400-A6
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev
2
Page: 3 of 11
Device Number: DLE-0001260
Established date:04/16/2009
Established by : Ruby Lin
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Continuous Forward Current
IF
30
mA
Peak Forward Current(Duty /10 @ 1KHZ)
IFP
100
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +100
Soldering Temperature (T=5 sec)
Tsol
260
Power Dissipation
Pd
110
mW
Zener Reverse Current
Iz
100
mA
Electrostatic Discharge
ESD
4K
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn