Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

61-238XK2C Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # 61-238XK2C
Description  Low Power LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

61-238XK2C Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

Back Button 61-238XK2C Datasheet HTML 2Page - Everlight Electronics Co., Ltd 61-238XK2C Datasheet HTML 3Page - Everlight Electronics Co., Ltd 61-238XK2C Datasheet HTML 4Page - Everlight Electronics Co., Ltd 61-238XK2C Datasheet HTML 5Page - Everlight Electronics Co., Ltd 61-238XK2C Datasheet HTML 6Page - Everlight Electronics Co., Ltd 61-238XK2C Datasheet HTML 7Page - Everlight Electronics Co., Ltd 61-238XK2C Datasheet HTML 8Page - Everlight Electronics Co., Ltd 61-238XK2C Datasheet HTML 9Page - Everlight Electronics Co., Ltd 61-238XK2C Datasheet HTML 10Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
DATASHEET
SMD Low Power LED
61-238/XK2C-SXXXXXXXXXX/ET
6
Copyright © 2010, Everlight All Rights Reserved. Release Date : 06-Apr.-2011. Issue No: v1
Device No: DSE-000
www.everlight.com
Bin Range of Forward Voltage
*1
Group
Bin Code
Min.
Max.
Unit
Condition
34
2.7
2.8
35
2.8
2.9
36
2.9
3.0
37
3.0
3.1
38
3.1
3.2
39
3.2
3.3
40
3.3
3.4
41
3.4
3.5
B2
42
3.5
3.6
G
43
3.6
3.7
v
IF=20mA
*2
Notes:
1. *1 When three LED dies are operated simultaneously.
2. *2 For each die.
3. Tolerance of Forward Voltage ±0.05V
4. Forward Voltage rank is the average forward voltage of three dies


Similar Part No. - 61-238XK2C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
61-238XK2C EVERLIGHT-61-238XK2C Datasheet
489Kb / 14P
   Low Power LED
61-238XK2C-BXXXXXXXXXX-ET EVERLIGHT-61-238XK2C-BXXXXXXXXXX-ET Datasheet
489Kb / 14P
   Low Power LED
More results

Similar Description - 61-238XK2C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-21XK2C-BXXXXXXXXX-2T EVERLIGHT-67-21XK2C-BXXXXXXXXX-2T Datasheet
241Kb / 9P
   Low Power LED
45-21S-KK2C-H3535L8M4B2Z6 EVERLIGHT-45-21S-KK2C-H3535L8M4B2Z6 Datasheet
1Mb / 28P
   Low Power LED
45-21S-KK2C-H3030L8M4B2Z6 EVERLIGHT-45-21S-KK2C-H3030L8M4B2Z6 Datasheet
1Mb / 28P
   Low Power LED
45-21S-KK2C-H4040L9N3B2Z6 EVERLIGHT-45-21S-KK2C-H4040L9N3B2Z6 Datasheet
1Mb / 28P
   Low Power LED
DSE-0009300-45-21S-XK2C EVERLIGHT-DSE-0009300-45-21S-XK2C Datasheet
556Kb / 19P
   Low Power LED
DSE-0009381-45-21S-XK2D EVERLIGHT-DSE-0009381-45-21S-XK2D Datasheet
776Kb / 22P
   Low Power LED
EAPL2835RA0 EVERLIGHT-EAPL2835RA0 Datasheet
327Kb / 11P
   Low Power LED
EAPL2835YA0 EVERLIGHT-EAPL2835YA0 Datasheet
767Kb / 10P
   Low Power LED
61-238XK2C-BXXXXXXXXXX-ET EVERLIGHT-61-238XK2C-BXXXXXXXXXX-ET Datasheet
489Kb / 14P
   Low Power LED
45-21-XK2C-BXXXXXXXXX-2T EVERLIGHT-45-21-XK2C-BXXXXXXXXX-2T Datasheet
439Kb / 16P
   Low Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com