Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

45-21-LK2C-B50634C6CB2-2T Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # 45-21-LK2C-B50634C6CB2-2T
Description  Low Power LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

45-21-LK2C-B50634C6CB2-2T Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  45-21-LK2C-B50634C6CB2-2T Datasheet HTML 1Page - Everlight Electronics Co., Ltd 45-21-LK2C-B50634C6CB2-2T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 45-21-LK2C-B50634C6CB2-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 45-21-LK2C-B50634C6CB2-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 45-21-LK2C-B50634C6CB2-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 45-21-LK2C-B50634C6CB2-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 45-21-LK2C-B50634C6CB2-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 45-21-LK2C-B50634C6CB2-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 45-21-LK2C-B50634C6CB2-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DATASHEET
SMD Low Power LED
45-21/XK2C-BXXXXXXXXXX/2T
5
Copyright © 2010, Everlight All Rights Reserved. Release Date : 19.Oct.2011. Issue No: V2
Issue No:
www.everlight.com
Bin Range of Luminous intensity
Bin Code
Min.
Max.
Unit
Condition
AC
1800
2000
mcd
IF=20mA
2C
2000
2200
4C
2200
2400
6C
2400
2600
Note:
Tolerance of Luminous Intensity: ±11%
Bin Range of Forward Voltage
Group
Bin Code
Min.
Max.
Unit
Condition
B2
36
2.9
3.0
V
IF=20mA
37
3.0
3.1
38
3.1
3.2
39
3.2
3.3
40
3.3
3.4
41
3.4
3.5
42
3.5
3.6
Note:
Tolerance of Forward Voltage: ±0.1V.


Similar Part No. - 45-21-LK2C-B50634C6CB2-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
45-21-LK2C-B50634C6CB2-2T EVERLIGHT-45-21-LK2C-B50634C6CB2-2T Datasheet
434Kb / 16P
   PLCC-2 package
More results

Similar Description - 45-21-LK2C-B50634C6CB2-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-21XK2C-BXXXXXXXXX-2T EVERLIGHT-67-21XK2C-BXXXXXXXXX-2T Datasheet
241Kb / 9P
   Low Power LED
45-21S-KK2C-H3535L8M4B2Z6 EVERLIGHT-45-21S-KK2C-H3535L8M4B2Z6 Datasheet
1Mb / 28P
   Low Power LED
45-21S-KK2C-H3030L8M4B2Z6 EVERLIGHT-45-21S-KK2C-H3030L8M4B2Z6 Datasheet
1Mb / 28P
   Low Power LED
45-21S-KK2C-H4040L9N3B2Z6 EVERLIGHT-45-21S-KK2C-H4040L9N3B2Z6 Datasheet
1Mb / 28P
   Low Power LED
DSE-0009300-45-21S-XK2C EVERLIGHT-DSE-0009300-45-21S-XK2C Datasheet
556Kb / 19P
   Low Power LED
DSE-0009381-45-21S-XK2D EVERLIGHT-DSE-0009381-45-21S-XK2D Datasheet
776Kb / 22P
   Low Power LED
EAPL2835RA0 EVERLIGHT-EAPL2835RA0 Datasheet
327Kb / 11P
   Low Power LED
EAPL2835YA0 EVERLIGHT-EAPL2835YA0 Datasheet
767Kb / 10P
   Low Power LED
61-238XK2C-BXXXXXXXXXX-ET EVERLIGHT-61-238XK2C-BXXXXXXXXXX-ET Datasheet
489Kb / 14P
   Low Power LED
61-238XK2C-SXXXXXXXXXX-ET EVERLIGHT-61-238XK2C-SXXXXXXXXXX-ET Datasheet
387Kb / 14P
   Low Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com