Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

61-238XK2C-BXXXXXXXXXX-ET Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # 61-238XK2C-BXXXXXXXXXX-ET
Description  Low Power LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

61-238XK2C-BXXXXXXXXXX-ET Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  61-238XK2C-BXXXXXXXXXX-ET Datasheet HTML 1Page - Everlight Electronics Co., Ltd 61-238XK2C-BXXXXXXXXXX-ET Datasheet HTML 2Page - Everlight Electronics Co., Ltd 61-238XK2C-BXXXXXXXXXX-ET Datasheet HTML 3Page - Everlight Electronics Co., Ltd 61-238XK2C-BXXXXXXXXXX-ET Datasheet HTML 4Page - Everlight Electronics Co., Ltd 61-238XK2C-BXXXXXXXXXX-ET Datasheet HTML 5Page - Everlight Electronics Co., Ltd 61-238XK2C-BXXXXXXXXXX-ET Datasheet HTML 6Page - Everlight Electronics Co., Ltd 61-238XK2C-BXXXXXXXXXX-ET Datasheet HTML 7Page - Everlight Electronics Co., Ltd 61-238XK2C-BXXXXXXXXXX-ET Datasheet HTML 8Page - Everlight Electronics Co., Ltd 61-238XK2C-BXXXXXXXXXX-ET Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Copyright © 2010, Everlight All Rights Reserved. Release Date : 06-Apr.-2011. Issue No: v2
Device No: DSE-0003809
www.everlight.com
DATASHEET
SMD
Low Power LED
61-238/XK2C-BXXXXXXXXXX/ET
Mass Production list
Product
CRI
min.
CCT(K)
IV(mcd)
Min
IV(mcd)
Max
Φ
(lm)
Typ.
61-238/LK2C-B56706F4GB2/ET
70
5650K~7000K
5400
6400
18.6
61-238/LK2C-B50638F6GB2/ET
5600
6600
19.2
61-238/LK2C-B50632FAGB2/ET
70
5000K~6300K
5000
6000
17.0
61-238/LK2C-B45568F6GB2/ET
5600
6600
19.2
61-238/LK2C-B45562FAGB2/ET
70
4500K~5650K
5000
6000
17.0
61-238/LK2C-B28322FAGB2/ET
5000
6000
17.0
61-238/LK2C-B28328E6FB2/ET
70
2850K~3250K
4600
5600
16.1
61-238/QK2C-B50632FAGB2/ET
5000
6000
17.0
61-238/QK2C-B50634E2FB2/ET
75
5000K~6300K
4200
5200
14.5
61-238/QK2C-B45562FAGB2/ET
5000
6000
17.0
61-238/QK2C-B45564E2FB2/ET
75
4500K~5650K
4200
5200
14.5
61-238/QK2C-B28322FAGB2/ET
5000
6000
17.0
61-238/QK2C-B28328E6FB2/ET
75
2850K~3250K
4600
5600
16.1


Similar Part No. - 61-238XK2C-BXXXXXXXXXX-ET

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
61-238XK2C-SXXXXXXXXXX-ET EVERLIGHT-61-238XK2C-SXXXXXXXXXX-ET Datasheet
387Kb / 14P
   Low Power LED
More results

Similar Description - 61-238XK2C-BXXXXXXXXXX-ET

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-21XK2C-BXXXXXXXXX-2T EVERLIGHT-67-21XK2C-BXXXXXXXXX-2T Datasheet
241Kb / 9P
   Low Power LED
45-21S-KK2C-H3535L8M4B2Z6 EVERLIGHT-45-21S-KK2C-H3535L8M4B2Z6 Datasheet
1Mb / 28P
   Low Power LED
45-21S-KK2C-H3030L8M4B2Z6 EVERLIGHT-45-21S-KK2C-H3030L8M4B2Z6 Datasheet
1Mb / 28P
   Low Power LED
45-21S-KK2C-H4040L9N3B2Z6 EVERLIGHT-45-21S-KK2C-H4040L9N3B2Z6 Datasheet
1Mb / 28P
   Low Power LED
DSE-0009300-45-21S-XK2C EVERLIGHT-DSE-0009300-45-21S-XK2C Datasheet
556Kb / 19P
   Low Power LED
DSE-0009381-45-21S-XK2D EVERLIGHT-DSE-0009381-45-21S-XK2D Datasheet
776Kb / 22P
   Low Power LED
EAPL2835RA0 EVERLIGHT-EAPL2835RA0 Datasheet
327Kb / 11P
   Low Power LED
EAPL2835YA0 EVERLIGHT-EAPL2835YA0 Datasheet
767Kb / 10P
   Low Power LED
61-238XK2C-SXXXXXXXXXX-ET EVERLIGHT-61-238XK2C-SXXXXXXXXXX-ET Datasheet
387Kb / 14P
   Low Power LED
45-21-XK2C-BXXXXXXXXX-2T EVERLIGHT-45-21-XK2C-BXXXXXXXXX-2T Datasheet
439Kb / 16P
   Low Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com