Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAS5223B Datasheet(PDF) 4 Page - ON Semiconductor

Part # NLAS5223B
Description  Ultra-Low 0.35 Dual SPDT Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS5223B Datasheet(HTML) 4 Page - ON Semiconductor

  NLAS5223B Datasheet HTML 1Page - ON Semiconductor NLAS5223B Datasheet HTML 2Page - ON Semiconductor NLAS5223B Datasheet HTML 3Page - ON Semiconductor NLAS5223B Datasheet HTML 4Page - ON Semiconductor NLAS5223B Datasheet HTML 5Page - ON Semiconductor NLAS5223B Datasheet HTML 6Page - ON Semiconductor NLAS5223B Datasheet HTML 7Page - ON Semiconductor NLAS5223B Datasheet HTML 8Page - ON Semiconductor NLAS5223B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
NLAS5223B, NLAS5223BL
http://onsemi.com
4
NLAS5223BL DC CHARACTERISTICS − DIGITAL SECTION (Voltages Referenced to GND)
Symbol
Parameter
Condition
VCC
Guaranteed Limit
Unit
25C
−40C to +85C
VIH
Minimum High−Level Input Voltage, Select
Inputs
3.0
4.3
1.3
1.6
1.3
1.6
V
VIL
Maximum Low−Level Input Voltage, Select
Inputs
3.0
4.3
0.5
0.6
0.5
0.6
V
IIN
Maximum Input Leakage Current, Select
Inputs
VIN = 4.5 V or GND
4.3
0.1
1.0
mA
IOFF
Power Off Leakage Current
VIN = 4.5 V or GND
0
0.5
2.0
mA
ICC
Maximum Quiescent Supply Current
(Note 6)
Select and VIS = VCC or GND
1.65 to 4.5
1.0
2.0
mA
6. Guaranteed by design. Resistance measurements do not include test circuit or package resistance.
NLAS5223BL DC ELECTRICAL CHARACTERISTICS − ANALOG SECTION
Symbol
Parameter
Condition
VCC
Guaranteed Maximum Limit
Unit
25C
−40C to +85C
Min
Max
Min
Max
RON
NC/NO On−Resistance
(Note 7)
VIN = VIL or VIN = VIH
VIS = GND to VCC
ICOM = 100 mA
3.0
4.3
0.4
0.35
0.5
0.4
W
RFLAT
NC/NO On−Resistance Flatness
(Notes 7 and 8)
ICOM = 100 mA
VIS = 0 to VCC
3.0
4.3
0.16
0.11
0.20
0.14
W
DRON
On−Resistance Match Between Channels
(Notes 7 and 9)
VIS = 1.5 V;
ICOM = 100 mA
VIS = 2.2 V;
ICOM = 100 mA
3.0
4.3
0.05
0.05
0.05
0.05
W
INC(OFF)
INO(OFF)
NC or NO Off Leakage Current (Note 7)
VIN = VIL or VIH
VNO or VNC = 0.3 V
VCOM = 4.0 V
4.3
−10
10
−100
100
nA
ICOM(ON) COM ON
Leakage Current
(Note 7)
VIN = VIL or VIH
VNO 0.3 V or 4.0 V with
VNC floating or
VNC 0.3 V or 4.0 V with
VNO floating
VCOM = 0.3 V or 4.0 V
4.3
−10
10
−100
100
nA
7. Guaranteed by design. Resistance measurements do not include test circuit or package resistance.
8. Flatness is defined as the difference between the maximum and minimum value of On−resistance as measured over the specified analog
signal ranges.
9. DRON = RON(MAX) − RON(MIN) between NC1 and NC2 or between NO1 and NO2.


Similar Part No. - NLAS5223B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS5223B ONSEMI-NLAS5223B Datasheet
124Kb / 12P
   Ultra?묹ow 0.5 ohm Dual SPDT Analog Switch
September, 2006 ??Rev. 3
NLAS5223B ONSEMI-NLAS5223B Datasheet
117Kb / 11P
   Ultra-Low 0.35 Dual SPDT Analog Switch
August, 2015 ??Rev. 9
NLAS5223BLMNR2G ONSEMI-NLAS5223BLMNR2G Datasheet
124Kb / 12P
   Ultra?묹ow 0.5 ohm Dual SPDT Analog Switch
September, 2006 ??Rev. 3
NLAS5223BLMNR2G ONSEMI-NLAS5223BLMNR2G Datasheet
117Kb / 11P
   Ultra-Low 0.35 Dual SPDT Analog Switch
August, 2015 ??Rev. 9
NLAS5223BMNR2G ONSEMI-NLAS5223BMNR2G Datasheet
124Kb / 12P
   Ultra?묹ow 0.5 ohm Dual SPDT Analog Switch
September, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com