Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT12-21B-TR8 Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # PT12-21B-TR8
Description  Chip Phototransistor With Right Angle Lens
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PT12-21B-TR8 Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

Back Button PT12-21B-TR8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd PT12-21B-TR8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd PT12-21B-TR8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd PT12-21B-TR8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd PT12-21B-TR8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd PT12-21B-TR8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd PT12-21B-TR8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd PT12-21B-TR8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd PT12-21B-TR8 Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 3
Page: 6 of 10
Device No:DPT-0000044
Prepared date:06-10-2009
Prepared by:Jaine Tsai
PT12-21B/TR8
Precautions For Use
1. Over-current-proof
Customer must apply resistors for protection , otherwise slight voltage shift will cause big
current change ( Burn out will happen ).
2. Storage
2.1 Do not open moisture proof bag before the products are ready to use.
2.2 Before opening the package, the LEDs should be kept at 30℃ or less and 90%RH or less.
2.3 The LEDs should be used within a year.
2.4 After opening the package, the LEDs should be kept at 30℃ or less and 70%RH or less.
2.5 The LEDs should be used within 168 hours (7 days) after opening the package.
2.6 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the
storage time, baking treatment should be performed using the following conditions.
Baking treatment : 60±5℃ for 24 hours.
3. Soldering Condition
3.1 Pb-free solder temperature profile
3.2 Reflow soldering should not be done more than two times.
3.3 When soldering, do not put stress on the LEDs during heating.
3.4 After soldering, do not warp the circuit board.


Similar Part No. - PT12-21B-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT12-21B EVERLIGHT-PT12-21B Datasheet
217Kb / 10P
   Chip Phototransistor With Right Angle Lens
PT12-21B/TR8 EVERLIGHT-PT12-21B/TR8 Datasheet
217Kb / 10P
   Chip Phototransistor With Right Angle Lens
More results

Similar Description - PT12-21B-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT12-21C EVERLIGHT-PT12-21C Datasheet
221Kb / 10P
   Chip Phototransistor With Right Angle Lens
PT12-21C-TR8 EVERLIGHT-PT12-21C-TR8 Datasheet
227Kb / 10P
   Chip Phototransistor With Right Angle Lens
PT12-21B EVERLIGHT-PT12-21B Datasheet
217Kb / 10P
   Chip Phototransistor With Right Angle Lens
12-21-T3D-AQ2S2M-2C EVERLIGHT-12-21-T3D-AQ2S2M-2C Datasheet
167Kb / 12P
   Chip LED with Right Angle Lens
27-21-T1D-CQ1R2NW-3C EVERLIGHT-27-21-T1D-CQ1R2NW-3C Datasheet
172Kb / 12P
   Chip LED with Right Angle Lens
48-213-BHC-ZM2P1QY-3C EVERLIGHT-48-213-BHC-ZM2P1QY-3C Datasheet
149Kb / 10P
   Chip LED with Right Angle Lens
12-21C-BHC-AN1P2-2C EVERLIGHT-12-21C-BHC-AN1P2-2C Datasheet
198Kb / 10P
   Chip LED with Right Angle Lens
12-215-BHC-AN1P2-3C EVERLIGHT-12-215-BHC-AN1P2-3C_04 Datasheet
143Kb / 10P
   Chip LED with Right Angle Lens
12-215-G6C-AL2M2B-3C EVERLIGHT-12-215-G6C-AL2M2B-3C Datasheet
137Kb / 10P
   Chip LED with Right Angle Lens
12-215-Y2C-CP1Q2B-3C EVERLIGHT-12-215-Y2C-CP1Q2B-3C Datasheet
149Kb / 10P
   Chip LED with Right Angle Lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com