Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4204-10SYGC Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # 4204-10SYGC
Description  3.0mm Round Type LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

4204-10SYGC Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  4204-10SYGC Datasheet HTML 1Page - Everlight Electronics Co., Ltd 4204-10SYGC Datasheet HTML 2Page - Everlight Electronics Co., Ltd 4204-10SYGC Datasheet HTML 3Page - Everlight Electronics Co., Ltd 4204-10SYGC Datasheet HTML 4Page - Everlight Electronics Co., Ltd 4204-10SYGC Datasheet HTML 5Page - Everlight Electronics Co., Ltd 4204-10SYGC Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Technical Data Sheet
3.0mm Round Type LED Lamps
Features :
Choice of various viewing angles
Available on tape and reel.
Reliable and robust
Pb free
The product itself will remain within RoHS compliant version.
Descriptions :
The series is specially designed for
applications requiring higher
brightness
The led lamps are available with
different colors, intensities.
Applications :
TV set
Monitor
Telephone
Computer
4204-10SYGC/S530-E2-L
AlGaInP
Brilliant Yellow Green
Water Clear
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev.:
1
Page: 1 of 6
Device Number :
DLE-0001356
Prepared date: 2009/4/29
Prepared by:
Li ming
0
4204-10SYGC/S530-E2-L
Lens Color
PART NO.
Material
Emitted Color


Similar Part No. - 4204-10SYGC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
4204-10SYGC-S530-E2-L EVERLIGHT-4204-10SYGC-S530-E2-L Datasheet
119Kb / 6P
   3.0mm Round Type LED Lamps
4204-10SYGC-S530-E2-L EVERLIGHT-4204-10SYGC-S530-E2-L Datasheet
119Kb / 6P
   3.0mm Round Type LED Lamps
4204-10SYGC-S530-E4 EVERLIGHT-4204-10SYGC-S530-E4 Datasheet
111Kb / 7P
   3.0mm Round Type LED Lamps
4204-10SYGCS530-E4 EVERLIGHT-4204-10SYGCS530-E4 Datasheet
111Kb / 7P
   3.0mm Round Type LED Lamps
More results

Similar Description - 4204-10SYGC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
204-10SYGD-S530-E3 EVERLIGHT-204-10SYGD-S530-E3 Datasheet
101Kb / 6P
   3.0mm Round Type LED Lamps
204-10UYOC-S530-A3 EVERLIGHT-204-10UYOC-S530-A3 Datasheet
156Kb / 7P
   3.0mm Round Type LED Lamps
DLE-0001704 EVERLIGHT-DLE-0001704 Datasheet
120Kb / 6P
   3.0mm Round Type LED Lamps
1224-10UYT-S530-A3 EVERLIGHT-1224-10UYT-S530-A3 Datasheet
116Kb / 6P
   3.0mm Round Type LED Lamps
1254-10UYD-S530-A3 EVERLIGHT-1254-10UYD-S530-A3 Datasheet
102Kb / 6P
   3.0mm Round Type LED Lamps
204-10UYD-S530-A3 EVERLIGHT-204-10UYD-S530-A3 Datasheet
138Kb / 7P
   3.0mm Round Type LED Lamps
1254-10SDRD-S530-A3 EVERLIGHT-1254-10SDRD-S530-A3 Datasheet
123Kb / 6P
   3.0mm Round Type LED Lamps
1254-10SYGD-S530-E2 EVERLIGHT-1254-10SYGD-S530-E2 Datasheet
98Kb / 6P
   3.0mm Round Type LED Lamps
204-10UYD-S530-A3-L EVERLIGHT-204-10UYD-S530-A3-L Datasheet
110Kb / 6P
   3.0mm Round Type LED Lamps
204-10UYT-S530-A3 EVERLIGHT-204-10UYT-S530-A3_05 Datasheet
99Kb / 6P
   3.0mm Round Type LED Lamps
A264B-SUR-S530-A3-F14-9 EVERLIGHT-A264B-SUR-S530-A3-F14-9 Datasheet
108Kb / 6P
   3.0mm Round Type LED Lamps
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com