Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLC2H-S25-L Datasheet(PDF) 11 Page - PANDUIT CORP.

Part # PLC2H-S25-L
Description  Material & Color Availability Chart
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PLC2H-S25-L Datasheet(HTML) 11 Page - PANDUIT CORP.

Back Button PLC2H-S25-L Datasheet HTML 3Page - PANDUIT CORP. PLC2H-S25-L Datasheet HTML 4Page - PANDUIT CORP. PLC2H-S25-L Datasheet HTML 5Page - PANDUIT CORP. PLC2H-S25-L Datasheet HTML 6Page - PANDUIT CORP. PLC2H-S25-L Datasheet HTML 7Page - PANDUIT CORP. PLC2H-S25-L Datasheet HTML 8Page - PANDUIT CORP. PLC2H-S25-L Datasheet HTML 9Page - PANDUIT CORP. PLC2H-S25-L Datasheet HTML 10Page - PANDUIT CORP. PLC2H-S25-L Datasheet HTML 11Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Part Number System for Tak‐Ty® Hook & Loop Cable Ties 
HLT
2
I
X
0
Type
Size
Cross Section
Package Size
Color
HL
HLB
HLC
HLM
HLT
HLTP
HLS
HLSP
TTS
= Hook and Loop
= Hook and Loop Brick Pack
= HL Cinch Tie
= HL Miniature
= HL Loop Tie
= HL Loop Tie Plenum-Rated
= HL Strip Tie
= HL Strip Tie Plenum-Rated
= Tak-Tape™ Roll
Approx.
Maximum
Bundle
Dia. (In)
I
S
= Intermediate
= Standard
C
X
15R
20R
35R3
35RX
75R
= 100
= 10
= 15’ Roll
= 20’ Roll
= 35’ Rolls (3)
= 35’ Rolls (10)
= 75’ Roll
See below
Part Number System for Ultra‐Cinch™ Hook & Loop Cable Ties 
UGCT
E
3
S
X
0
Type
Mount
Size
Cross Section
Package Size
Color
UCT
UGCT
= Cinch Tie
= Grommet Cinch Tie
E = End Mount
C = Center Mount
Approx.
Maximum
Bundle
Dia. (In)
I = Intermediate
S = Standard
X = 10
See below
Color Chart
Color
Panduit
Suffix
Color
Panduit
Suffix
Black
0
Blue
6
Red
2
Gray
8
Orange
3
White
10
Yellow
4
Maroon
12
Green
5
Part Number Availability List
Standard Packaging
Part Number
Color Suffix
HLB2S-C
0, 2, 3, 4, 5, 6, 8, 10
HLC3S-X
0
HLC5S-X
0
HLM-15R
0, 2, 3, 4, 5, 6, 8, 10
HLS-15R
0, 2, 3, 4, 5, 6, 8, 10
HLS-75R
0, 2, 3, 4, 5, 6, 8, 10
HLS1.5S-X
0, 2, 3, 4, 5, 6, 8, 10
HLS3S-X
0, 2, 3, 4, 5, 6, 8, 10
HLS5S-X
0, 2, 3, 4, 5, 6, 8, 10
HLSP1.5S-X
0, 12
HLSP3S-X
0, 12
HLSP5S-X
0, 12
HLT2I-X
0, 2, 3, 4, 5, 6, 8, 10
HLT3I-X
0, 2, 3, 4, 5, 6, 8, 10
HLTP2I-X
0, 12
HLTP3I-X
0, 12
HLWM1.5S-X
0
HLWM3S-X
0
TTS-20R
0
TTS-35RX
0
TTS-35R3
0
UCT3S-X
0, 2, 3, 4, 5, 6, 8, 10
UCT5S-X
0, 2, 3, 4, 5, 6, 8, 10
UGCTC3S-X
0, 2, 3, 4, 5, 6, 8, 10
UGCTC5S-X
0, 2, 3, 4, 5, 6, 8, 10
UGCTE3S-X
0, 2, 3, 4, 5, 6, 8, 10
UGCTE5S-X
0, 2, 3, 4, 5, 6, 8, 10


Similar Part No. - PLC2H-S25-L

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLC2835A-YDCW1 P-TEC-PLC2835A-YDCW1 Datasheet
1Mb / 17P
   Compatible lead-free reflow soldering process
PLC2835A-YDCW2 P-TEC-PLC2835A-YDCW2 Datasheet
1Mb / 17P
   Compatible lead-free reflow soldering process
PLC2835A-YDCW3 P-TEC-PLC2835A-YDCW3 Datasheet
1Mb / 17P
   Compatible lead-free reflow soldering process
PLC2835A-YDNW1 P-TEC-PLC2835A-YDNW1 Datasheet
1Mb / 16P
   Compatible lead-free reflow soldering process
PLC2835A-YDNW2 P-TEC-PLC2835A-YDNW2 Datasheet
1Mb / 16P
   Compatible lead-free reflow soldering process
More results

Similar Description - PLC2H-S25-L

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
D38999-26JA35SA AMPHENOL-D38999-26JA35SA Datasheet
2Mb / 53P
   Insert Availability and Identification Chart
20MJ35SN AMPHENOL-20MJ35SN Datasheet
2Mb / 53P
   Insert Availability and Identification Chart
D38999-20FC98PN AMPHENOL-D38999-20FC98PN Datasheet
2Mb / 53P
   Insert Availability and Identification Chart
D38999-24WF35SN AMPHENOL-D38999-24WF35SN Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
MS27473T8F98S AMPHENOL-MS27473T8F98S Datasheet
1Mb / 43P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
D38999-20FE35SN AMPHENOL-D38999-20FE35SN Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
M39029-58-362 AMPHENOL-M39029-58-362 Datasheet
1Mb / 43P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
logo
List of Unclassifed Man...
GLSERIESCHART1 ETC2-GLSERIESCHART1 Datasheet
2Mb / 13P
   GL SERIES CHART 1
logo
FCI connector
WCB10 FCI-CONNECTOR-WCB10 Datasheet
46Kb / 1P
   BURNDY WEJTAP SELECTION CHART
logo
Extech Instruments Corp...
RH520 EXTECH-RH520 Datasheet
389Kb / 15P
   Humidity-Temperature Chart Recorder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com