Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX8733 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SX8733
Description  Precision Diode Digital Temperature For Up To 3 External Sensors
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8733 Datasheet(HTML) 3 Page - Semtech Corporation

  SX8733 Datasheet HTML 1Page - Semtech Corporation SX8733 Datasheet HTML 2Page - Semtech Corporation SX8733 Datasheet HTML 3Page - Semtech Corporation SX8733 Datasheet HTML 4Page - Semtech Corporation SX8733 Datasheet HTML 5Page - Semtech Corporation SX8733 Datasheet HTML 6Page - Semtech Corporation SX8733 Datasheet HTML 7Page - Semtech Corporation SX8733 Datasheet HTML 8Page - Semtech Corporation SX8733 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Revision V3.0/May 2011
©2011 Semtech Corp.
SX8733
www.semtech.com
Page 3
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Precision Digital Temperature Sensor
1. Electrical Characteristics
1.1. Sensor Temperature Definition
1.2. Absolute Maximum Ratings
Stresses above the values listed below may cause permanent device failure. Exposure to absolute maximum ratings for
extended periods may affect device reliability. Operation outside the parameters specified in the Electrical Characteristics
section is not implied.
Parameter
Symbol
Local sensor diode temperature (chip junction temperature)
TJ
External diode temperature (remote diode junction temperature)
TD
Parameter
Symbol
Conditions
Min
Max
Unit
Power supply to VSS
VDD,ABSMAX
-0.5
5.75
V
Storage temperature
TJ,STORE
-50
150
°C
Ambient operating temperature
TJ,ABSMAX
-40
140
°C
Input voltage on programmable
pin
VPIN,ABSMAX
P1, P2, P3, P4
-0.5
VDD + 0.25
V
Input voltage on SMBUS pin
VPIN,SMBUS
SMBCLK, SMBDAT
-0.5
5.75
V
Input current on any pin
IPIN,ABSMAX
-10
10
mA
Peak reflow temperature
TPKG
260
°C
Latchup
ILUP
-100
100
mA
ESD
HBM
Human Body Model
2
kV
MM
Machine Model
200
V
CDM
Charged Device Model
500
V


Similar Part No. - SX8733

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8733 SEMTECH-SX8733 Datasheet
347Kb / 24P
   Precision Diode Digital Temperature For Up To 3 External Sensors
SX8733EWLTRT SEMTECH-SX8733EWLTRT Datasheet
347Kb / 24P
   Precision Diode Digital Temperature For Up To 3 External Sensors
More results

Similar Description - SX8733

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8733 SEMTECH-SX8733 Datasheet
347Kb / 24P
   Precision Diode Digital Temperature For Up To 3 External Sensors
logo
Texas Instruments
LM95245CIMMX TI1-LM95245CIMMX Datasheet
1Mb / 36P
[Old version datasheet]   Precision Remote Diode Digital Temperature Sensor
logo
National Semiconductor ...
LM135 NSC-LM135_08 Datasheet
867Kb / 16P
   Precision Temperature Sensors
logo
STMicroelectronics
LM135 STMICROELECTRONICS-LM135_08 Datasheet
574Kb / 16P
   Precision temperature sensors
LM135 STMICROELECTRONICS-LM135 Datasheet
118Kb / 11P
   PRECISION TEMPERATURE SENSORS
logo
National Semiconductor ...
LM135 NSC-LM135 Datasheet
291Kb / 14P
   Precision Temperature Sensors
logo
Teridian Semiconductor ...
71M6515H TERIDIAN-71M6515H_11 Datasheet
832Kb / 60P
   Up to 10ppmC precision ultra-stable voltage reference Digital temperature compensation
logo
Texas Instruments
ADS1146 TI1-ADS1146_14 Datasheet
1Mb / 67P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246_101 TI-ADS1246_101 Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246_102 TI-ADS1246_102 Datasheet
1Mb / 66P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com