Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX8743EMSTRT Datasheet(PDF) 10 Page - Semtech Corporation

Part # SX8743EMSTRT
Description  Precision Diode Digital Temperature For Up To 3 External Sensors
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8743EMSTRT Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SX8743EMSTRT Datasheet HTML 6Page - Semtech Corporation SX8743EMSTRT Datasheet HTML 7Page - Semtech Corporation SX8743EMSTRT Datasheet HTML 8Page - Semtech Corporation SX8743EMSTRT Datasheet HTML 9Page - Semtech Corporation SX8743EMSTRT Datasheet HTML 10Page - Semtech Corporation SX8743EMSTRT Datasheet HTML 11Page - Semtech Corporation SX8743EMSTRT Datasheet HTML 12Page - Semtech Corporation SX8743EMSTRT Datasheet HTML 13Page - Semtech Corporation SX8743EMSTRT Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Revision V3.0/May 2011
©2011 Semtech Corp.
SX8733
www.semtech.com
Page 10
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Precision Digital Temperature Sensor
3.3. Differential and Single-Ended External Sensor
Table 4 indicates whether the external sensors are connected differentially or in single-ended configuration with grounded
cathode.
Differential modes have better common-mode rejection of external noise pickup. The external noise pickup is present
equally on the anode and the cathode therefore differential noise is minimized.
Single-ended modes allow more sensors to be connected to the chip but they are more prone to noise pickup since the
cathode is connected to a common VSS and, therefore, any external noise pickup tends to be developed mainly across the
anode which will be measured as temperature noise.
A filtering capacitor is recommended to decrease measurement noise especially if the external sensor is connected to the
chip by a long trace. A capacitor with a value of 100 pF should be placed as close as possible to the chip pins.
3.4. Measurement Principle
The circuit uses the intrinsic thermal property of a diode to measure temperature. Temperature is calculated by measuring
the base-emitter voltage of a transistor. Two different currents are sourced to the diodes. The base-emitter voltage is
measured in each case. With a fixed current ratio, temperature is accurately calculated by measuring the difference in the
base-emitter voltage at the two currents.
The excitation current I2 of 100uA is passed through the diode first. The base-emitter voltage of the transistor is measured
by the ADC. The measurement is then repeated using the excitation current divided by a fixed value. This current I1 has a
value of 10uA. The following equation relates the VBE difference voltage with current and temperature T where:
k is the Boltzmann’s constant (1.381 x 10-23 J/K)
q is the charge on the electron (1.602 x 10-19 Cb).
Tabs is the absolute temperature in Kelvins. (Tabs=273.15 + T
where T is the temperature in Celsius).
n is the pn junction ideality factor (1.00 for an ideal diode)
For a current ratio I2/I1=10 and an ideality factor n=1.010, this gives a
fixed relationship between
∆V
BE and temperature of 200uV/ºC. The
voltage is then converted to digital with an ADC.
3.5. Parasitic Track Resistance Cancellation
The temperature measurement method described previously assumes
a very low series impedance in the sensor path.With a typical
∆V
BE
around 200uV/ºC and the
∆I=I
2-I1=90uA, 1 ohm of parasitic resistance
in the sensor path gives approximately 0.45ºC of temperature error.
This may result in a significant error if the external sensor is located
some distance away from the chip. Track resistance cancellation
schemes decrease temperature error due to high resistance in the
tracks from the device to the sensors.
3.5.1. Algorithmic Track Resistance Cancellation
The use of the algorithmic track resistance cancellation allows automatic cancellation of resistances in series with the
temperature diode by using current modulation to bias the external diode. This is done transparently to the user. This
method may cancel up to 1 kOhm of series resistance. The best accuracy is in the TD range 20ºC to 70ºC.
3.5.2. 3-Point Track Resistance Cancellation
The 3-point track resistance cancellation requires one additional connection to the external PN junction so that an
additional current source can be used to cancel out the error voltage due to the track resistance.
∆V
BE
V
BE2 VBE1
n
kT
abs
q
-------------
I
2
I
1
----
 
 
ln
=
=
∆T
Rtrack
R
Track
I
2
I
1
200uV C
------------------------
=


Similar Part No. - SX8743EMSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8743EMSTRT SEMTECH-SX8743EMSTRT Datasheet
347Kb / 24P
   Precision Diode Digital Temperature For Up To 3 External Sensors
More results

Similar Description - SX8743EMSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8733 SEMTECH-SX8733 Datasheet
347Kb / 24P
   Precision Diode Digital Temperature For Up To 3 External Sensors
logo
Texas Instruments
LM95245CIMMX TI1-LM95245CIMMX Datasheet
1Mb / 36P
[Old version datasheet]   Precision Remote Diode Digital Temperature Sensor
logo
National Semiconductor ...
LM135 NSC-LM135_08 Datasheet
867Kb / 16P
   Precision Temperature Sensors
logo
STMicroelectronics
LM135 STMICROELECTRONICS-LM135_08 Datasheet
574Kb / 16P
   Precision temperature sensors
LM135 STMICROELECTRONICS-LM135 Datasheet
118Kb / 11P
   PRECISION TEMPERATURE SENSORS
logo
National Semiconductor ...
LM135 NSC-LM135 Datasheet
291Kb / 14P
   Precision Temperature Sensors
logo
Teridian Semiconductor ...
71M6515H TERIDIAN-71M6515H_11 Datasheet
832Kb / 60P
   Up to 10ppmC precision ultra-stable voltage reference Digital temperature compensation
logo
Texas Instruments
ADS1146 TI1-ADS1146_14 Datasheet
1Mb / 67P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246_101 TI-ADS1246_101 Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246_102 TI-ADS1246_102 Datasheet
1Mb / 66P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com