Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX8674EVK Datasheet(PDF) 1 Page - Semtech Corporation

Part # SX8674EVK
Description  Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8674EVK Datasheet(HTML) 1 Page - Semtech Corporation

  SX8674EVK Datasheet HTML 1Page - Semtech Corporation SX8674EVK Datasheet HTML 2Page - Semtech Corporation SX8674EVK Datasheet HTML 3Page - Semtech Corporation SX8674EVK Datasheet HTML 4Page - Semtech Corporation SX8674EVK Datasheet HTML 5Page - Semtech Corporation SX8674EVK Datasheet HTML 6Page - Semtech Corporation SX8674EVK Datasheet HTML 7Page - Semtech Corporation SX8674EVK Datasheet HTML 8Page - Semtech Corporation SX8674EVK Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 1 – 25
th July 2011
1
www.semtech.com
SX8677/SX8678
Haptics Enabled Multitouch 4/5-Wire
Resistive Touchscreen Controller with Proximity Sensing
GENERAL DESCRIPTION
The SX8677 and SX8678 belong to a family of high
performance haptics enabled multitouch 4/5-wire
resistive
touch
screen
controller
with
proximity
detection, optimized for hand held applications such
as mobile phones, portable music players, game
machines,
point-of-sales
terminal
and
other
consumer and industrial applications. They feature a
wide input supply range from 2.3V to 3.6V.
The
controller
computes
touch
screen
X-Y
coordinates and touch pressure with a precision, low
power 12-bit analog-digital converter.
On-chip data
averaging processing algorithms can be activated to
reduce host activity and suppress system noise. The
processing core features low power modes which
intelligently minimize current in operation as well as in
automatic shut-down.
Multitouch feature enables detection of 2 fingers on
the touchscreen and several gestures like rotation
and pinch/stretch.
A capacitive proximity detection circuit has been
integrated into the SX8677 to enable host controlled
power management for battery applications. Proximity
detection above 5 cm is possible using either the
resistive touch screen as the sensor or with a single
conductive plate, with communication to the host via
the serial interface.
The SX8677 and SX8678 also integrate a haptics
motor driver for Linear Resonant Actuator (LRA) and
Eccentric Rotating Mass (ERM) micro motors with up
to 250mA drive current.
Haptics control can be
performed using either an external PWM signal or the
I2C serial interface, providing simple host interfacing
and minimizing its I/O requirement. The SX8677/78
supports Immersion
TouchSense® 3000 haptic
control software for high quality touch feedback.
Integrated very high ESD protection, of up to ±15kV
on display inputs not only saves cost and board area,
but also increases application reliability.
The three devices have an ambient operating
temperature range of -40°C to +85°C, and are offere d
in both a 4mm x 4mm, 20-lead QFN package and
2.07mm x 2.07mm 19-lead CSP package for space-
conscious applications.
TYPICAL APPLICATIONS
Game Machines, Portable Music Players
Mobile Phones
DSC, DVR, Phones
POS/POI Terminals
Touch-Screen Monitors
ORDERING INFORMATION
KEY PRODUCT FEATURES
Low Voltage Operation
2.3V to 3.6V Supply
Integrated Low Drop Out (LDO) Regulator
Low Power Consumption
30uA@2.3V 8ksps (ESR)
0.4uA Shut-Down Current
4/5-Wire Touchscreen Interface
Precision, Ratiometric 12-bit ADC
Up to 5000 (X-Y) coordinates/second (c/s)
Programmable Digital Filtering/Averaging
Touch Pressure Measurement (4-Wire)
Programmable Operating Mode (Manual,
Pen Detect, Pen Trigger)
Capacitive Proximity Sensing (SX8677)
No Additional Components Required
Uses Resistive Touchscreen or a Simple
Conductive Area as the Sensor
>5 cm Detection Distance
8uA @ 200ms Scan Period
Fully Programmable (Sensitivity, etc)
Haptics Driver for LRA and ERM (SX8677/78)
Supports Immersion TouchSense® 3000
haptic control software
Haptics Waveform Generation Control (I2C
or PWM Input)
Short Circuit Protection
Early
Warning
and
Over-Temperature
Monitoring and Protection
400kHz I2C Serial Interface
Several Host Operating Modes Available
Maskable Interrupt Output (NIRQ)
Real-time Events Monitoring (AUX1-3)
Polling (I2C)
Hardware, Software, and Power-On Reset
-40°C to +85°C Operating Temperature Range
15kV HBM & IEC ESD Protection
Small Footprint Packages
Pb & Halogen Free, RoHS/WEEE compliant
Part Number
Package
Marking
SX8677IWLTRT
QFN-20
SX8677ICSTRT
WLCSP-19
RNT2
SX8678IWLTRT
QFN-20
SX8678ICSTRT
WLCSP-19
RP9X
SX8674EVK
Evaluation Kit
-
I2C
NRST
NIRQ
SX8677
Host
Controller
MULTITOUCH
CONTROL
PROXIMITY SENSING
M
HAPTICS DRIVER


Similar Part No. - SX8674EVK

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8674EVK SEMTECH-SX8674EVK Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8674EVK SEMTECH-SX8674EVK Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
More results

Similar Description - SX8674EVK

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8674EVK SEMTECH-SX8674EVK Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8674 SEMTECH-SX8674 Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8654EVK SEMTECH-SX8654EVK Datasheet
2Mb / 62P
   Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8657 SEMTECH-SX8657 Datasheet
2Mb / 61P
   Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8654 SEMTECH-SX8654 Datasheet
2Mb / 62P
   Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8651 SEMTECH-SX8651 Datasheet
632Kb / 39P
   Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
SX8651EVKA SEMTECH-SX8651EVKA Datasheet
626Kb / 39P
   Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
SX8653EVKA SEMTECH-SX8653EVKA Datasheet
540Kb / 31P
   Multitouch 15kV ESD protection 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
SX8653 SEMTECH-SX8653 Datasheet
544Kb / 31P
   Multitouch 15kV ESD protection 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
logo
Cypress Semiconductor
CY8C20336H CYPRESS-CY8C20336H_12 Datasheet
524Kb / 35P
   Haptics Enabled CapSense짰 Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com