Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX8675ICSTRT Datasheet(PDF) 3 Page - Semtech Corporation

Part # SX8675ICSTRT
Description  Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8675ICSTRT Datasheet(HTML) 3 Page - Semtech Corporation

  SX8675ICSTRT Datasheet HTML 1Page - Semtech Corporation SX8675ICSTRT Datasheet HTML 2Page - Semtech Corporation SX8675ICSTRT Datasheet HTML 3Page - Semtech Corporation SX8675ICSTRT Datasheet HTML 4Page - Semtech Corporation SX8675ICSTRT Datasheet HTML 5Page - Semtech Corporation SX8675ICSTRT Datasheet HTML 6Page - Semtech Corporation SX8675ICSTRT Datasheet HTML 7Page - Semtech Corporation SX8675ICSTRT Datasheet HTML 8Page - Semtech Corporation SX8675ICSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 1 – 25
th July 2011
3
www.semtech.com
SX8674/SX8675/SX8676
Haptics Enabled Multitouch 4/5-Wire
Resistive Touchscreen Controller with Proximity Sensing
5.3.4
PROXAVG Update
31
5.3.5
PROXDIFF Update
33
5.3.6
PROXSTAT Update
33
5.4
Host Operation
34
5.4.1
General Description
34
5.4.2
Proximity Sensing vs Touch Operations
34
5.4.3
Minimum Scan Period (i.e. PROXSCANPERIOD)
36
6
HAPTICS INTERFACE (SX8674/75) .......................................................................................... 37
6.1
Introduction
37
6.2
ERM Load
37
6.2.1
Introduction
37
6.2.2
PWM Mode
38
6.2.3
I2C Mode
38
6.3
LRA Load
38
6.3.1
Introduction
38
6.3.2
PWM Mode
39
6.3.3
I2C Mode
39
6.4
Short-Circuit Protection
39
7
TEMPERATURE SENSOR.......................................................................................................... 40
8
INTERRUPT (NIRQ) .................................................................................................................. 41
8.1
Introduction
41
8.2
Registers Overview
41
8.2.1
RegIrqMsk
41
8.2.2
RegIrqSrc
41
8.2.3
RegStat
41
8.3
Host Procedure
41
9
AUXILIARY PINS (AUX1/AUX2/AUX3)...................................................................................... 42
10
RESET...................................................................................................................................... 43
10.1
Hardware (POR and NRST)
43
10.2
Software (RegReset)
43
10.3
ESD Event (RESETSTAT)
43
11
I2C INTERFACE........................................................................................................................ 44
11.1
Introduction
44
11.2
I2C Address
44
11.3
Write Register
44
11.4
Read Register
45
11.5
Write Command (Touchscreen Interface)
45
11.6
Read Channel (Touchscreen Interface)
46
12
REGISTERS DETAILED DESCRIPTION ...................................................................................... 48
13
APPLICATION INFORMATION ................................................................................................... 60
13.1
Typical Application Circuit
60
13.2
External Components Recommended Values
60
13.3
Multitouch Gestures
60
13.3.1
Pinch/Stretch
60
13.3.2
Rotate
61
14
PACKAGING INFORMATION ..................................................................................................... 62
14.1
QFN Package
62
14.2
CSP Package
63


Similar Part No. - SX8675ICSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8675ICSTRT SEMTECH-SX8675ICSTRT Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
More results

Similar Description - SX8675ICSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8677 SEMTECH-SX8677 Datasheet
2Mb / 63P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8674EVK SEMTECH-SX8674EVK Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8654EVK SEMTECH-SX8654EVK Datasheet
2Mb / 62P
   Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8657 SEMTECH-SX8657 Datasheet
2Mb / 61P
   Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8654 SEMTECH-SX8654 Datasheet
2Mb / 62P
   Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8651 SEMTECH-SX8651 Datasheet
632Kb / 39P
   Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
SX8651EVKA SEMTECH-SX8651EVKA Datasheet
626Kb / 39P
   Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
SX8653EVKA SEMTECH-SX8653EVKA Datasheet
540Kb / 31P
   Multitouch 15kV ESD protection 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
SX8653 SEMTECH-SX8653 Datasheet
544Kb / 31P
   Multitouch 15kV ESD protection 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
logo
Cypress Semiconductor
CY8C20336H CYPRESS-CY8C20336H_12 Datasheet
524Kb / 35P
   Haptics Enabled CapSense짰 Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com