Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX8677ICSTRT Datasheet(PDF) 3 Page - Semtech Corporation

Part # SX8677ICSTRT
Description  Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8677ICSTRT Datasheet(HTML) 3 Page - Semtech Corporation

  SX8677ICSTRT Datasheet HTML 1Page - Semtech Corporation SX8677ICSTRT Datasheet HTML 2Page - Semtech Corporation SX8677ICSTRT Datasheet HTML 3Page - Semtech Corporation SX8677ICSTRT Datasheet HTML 4Page - Semtech Corporation SX8677ICSTRT Datasheet HTML 5Page - Semtech Corporation SX8677ICSTRT Datasheet HTML 6Page - Semtech Corporation SX8677ICSTRT Datasheet HTML 7Page - Semtech Corporation SX8677ICSTRT Datasheet HTML 8Page - Semtech Corporation SX8677ICSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 63 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 1 – 25
th July 2011
3
www.semtech.com
SX8677/SX8678
Haptics Enabled Multitouch 4/5-Wire
Resistive Touchscreen Controller with Proximity Sensing
5.3.5
PROXDIFF Update
32
5.3.6
PROXSTAT Update
32
5.4
Host Operation
33
5.4.1
General Description
33
5.4.2
Proximity Sensing vs Touch Operations
33
5.4.3
Minimum Scan Period (i.e. PROXSCANPERIOD)
35
6
HAPTICS INTERFACE (SX8677/78) .......................................................................................... 36
6.1
Introduction
36
6.2
ERM Load
36
6.2.1
Introduction
36
6.2.2
PWM Mode
37
6.2.3
I2C Mode
37
6.3
LRA Load
37
6.3.1
Introduction
37
6.3.2
PWM Mode
38
6.3.3
I2C Mode
38
6.4
Short-Circuit Protection
38
7
TEMPERATURE SENSOR.......................................................................................................... 39
8
INTERRUPT (NIRQ) .................................................................................................................. 40
8.1
Introduction
40
8.2
Registers Overview
40
8.2.1
RegIrqMsk
40
8.2.2
RegIrqSrc
40
8.2.3
RegStat
40
8.3
Host Procedure
40
9
AUXILIARY PINS (AUX1/AUX2/AUX3)...................................................................................... 41
10
RESET...................................................................................................................................... 42
10.1
Hardware (POR and NRST)
42
10.2
Software (RegReset)
42
10.3
ESD Event (RESETSTAT)
42
11
I2C INTERFACE........................................................................................................................ 43
11.1
Introduction
43
11.2
I2C Address
43
11.3
Write Register
43
11.4
Read Register
44
11.5
Write Command (Touchscreen Interface)
44
11.6
Read Channel (Touchscreen Interface)
45
12
REGISTERS DETAILED DESCRIPTION ...................................................................................... 47
13
APPLICATION INFORMATION ................................................................................................... 59
13.1
Typical Application Circuit
59
13.2
External Components Recommended Values
59
13.3
Multitouch Gestures
59
13.3.1
Pinch/Stretch
59
13.3.2
Rotate
60
14
PACKAGING INFORMATION ..................................................................................................... 61
14.1
QFN Package
61
14.2
CSP Package
62


Similar Part No. - SX8677ICSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8674 SEMTECH-SX8674 Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8674EVK SEMTECH-SX8674EVK Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8674EVK SEMTECH-SX8674EVK Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8674ICSTRT SEMTECH-SX8674ICSTRT Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8674ICSTRT SEMTECH-SX8674ICSTRT Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
More results

Similar Description - SX8677ICSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8674EVK SEMTECH-SX8674EVK Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8674 SEMTECH-SX8674 Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8654EVK SEMTECH-SX8654EVK Datasheet
2Mb / 62P
   Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8657 SEMTECH-SX8657 Datasheet
2Mb / 61P
   Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8654 SEMTECH-SX8654 Datasheet
2Mb / 62P
   Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8651 SEMTECH-SX8651 Datasheet
632Kb / 39P
   Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
SX8651EVKA SEMTECH-SX8651EVKA Datasheet
626Kb / 39P
   Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
SX8653EVKA SEMTECH-SX8653EVKA Datasheet
540Kb / 31P
   Multitouch 15kV ESD protection 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
SX8653 SEMTECH-SX8653 Datasheet
544Kb / 31P
   Multitouch 15kV ESD protection 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
logo
Cypress Semiconductor
CY8C20336H CYPRESS-CY8C20336H_12 Datasheet
524Kb / 35P
   Haptics Enabled CapSense짰 Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com