Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX8656IWLTRT Datasheet(PDF) 11 Page - Semtech Corporation

Part # SX8656IWLTRT
Description  Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8656IWLTRT Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SX8656IWLTRT Datasheet HTML 7Page - Semtech Corporation SX8656IWLTRT Datasheet HTML 8Page - Semtech Corporation SX8656IWLTRT Datasheet HTML 9Page - Semtech Corporation SX8656IWLTRT Datasheet HTML 10Page - Semtech Corporation SX8656IWLTRT Datasheet HTML 11Page - Semtech Corporation SX8656IWLTRT Datasheet HTML 12Page - Semtech Corporation SX8656IWLTRT Datasheet HTML 13Page - Semtech Corporation SX8656IWLTRT Datasheet HTML 14Page - Semtech Corporation SX8656IWLTRT Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 1 – 25
th July 2011
11
www.semtech.com
SX8654/SX8655/SX8656
Haptics Enabled 4/5-Wire
Resistive Touchscreen Controller with Proximity Sensing
Symbol
Description
Conditions
Min
Typ.
Max
Unit
Reset
VPOR
Power-On-Reset voltage
Cf. §10
-
1.3
-
V
tRESET
Reset time after POR
Cf. §10
-
-
1
ms
tPULSE
Reset pulse from host uC
Cf. §10
1
-
-
us
I2C Interface
fSCL
SCL clock frequency
-
-
-
400
kHz
tHD;STA
Hold time (repeated) START
condition
-
0.6
-
-
µs
tLOW
LOW period of the SCL clock
-
1.3
-
-
µs
tHIGH
HIGH period of the SCL clock
-
0.6
-
-
µs
tSU;STA
Set-up time for a repeated
START condition
-
0.6
-
-
µs
tHD;DAT
Data hold time
-
0
-
-
µs
tSU;DAT
Data set-up time
-
100
-
-
ns
tr
Rise time of both SDA and SCL
-
20+0.1Cb
-
300
ns
tf
Fall time of both SDA and SCL
-
20+0.1Cb
-
300
ns
tSU;STO
Set-up time for STOP condition
-
0.6
-
-
µs
tBUF
Bus free time between a STOP
and START condition
-
1.3
-
-
µs
Cb
Capacitive load for each bus line
-
-
-
400
pF
tSP
Pulse width of spikes
suppressed by the input filter
Up to 0.3xVDD from
GND, down to 0.7xVDD
from VDD
50
-
-
ns
Miscellaneous
FOSCL
Low frequency internal oscillator
-
-
32
-
kHz
FOSCH
High frequency internal oscillator
-
-
1.8
-
MHz
(1)
Guaranteed by design.
(2)
PWM mode can introduce an additional error of 2.5% of full scale.
Table 4 – Electrical Specifications


Similar Part No. - SX8656IWLTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8656IWLTRT SEMTECH-SX8656IWLTRT Datasheet
2Mb / 62P
   Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
More results

Similar Description - SX8656IWLTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8654EVK SEMTECH-SX8654EVK Datasheet
2Mb / 62P
   Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8657 SEMTECH-SX8657 Datasheet
2Mb / 61P
   Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8677 SEMTECH-SX8677 Datasheet
2Mb / 63P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8674EVK SEMTECH-SX8674EVK Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8674 SEMTECH-SX8674 Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
logo
Cypress Semiconductor
CY8C20336H CYPRESS-CY8C20336H_12 Datasheet
524Kb / 35P
   Haptics Enabled CapSense짰 Controller
logo
National Semiconductor ...
LM8500 NSC-LM8500 Datasheet
327Kb / 20P
   Four Wire Resistive Touchscreen Controller with Brownout
LM8300 NSC-LM8300 Datasheet
319Kb / 20P
   Four Wire Resistive Touchscreen Controller with Brownout
logo
Semtech Corporation
SX8653EVKA SEMTECH-SX8653EVKA Datasheet
540Kb / 31P
   Multitouch 15kV ESD protection 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
SX8652EVKA SEMTECH-SX8652EVKA Datasheet
554Kb / 29P
   15kV ESD Low Power 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com