Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX8653 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SX8653
Description  Multitouch 15kV ESD protection 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8653 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SX8653 Datasheet HTML 4Page - Semtech Corporation SX8653 Datasheet HTML 5Page - Semtech Corporation SX8653 Datasheet HTML 6Page - Semtech Corporation SX8653 Datasheet HTML 7Page - Semtech Corporation SX8653 Datasheet HTML 8Page - Semtech Corporation SX8653 Datasheet HTML 9Page - Semtech Corporation SX8653 Datasheet HTML 10Page - Semtech Corporation SX8653 Datasheet HTML 11Page - Semtech Corporation SX8653 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Revision V1.0/October 2010
©2010 Semtech Corp.
SX8653
www.semtech.com
Page 8
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Multitouch 15kV ESD protection 4-Wire / 5-Wire
Resistive Touchscreen Controller with SPI Interface
Startup
Power-up time
tpor
Time between rising edge VDD
and rising NIRQ
1
ms
ADC
Resolution
Ares
12
bits
Offset
Aoff
±1
LSB
Gain error
Age
At full scale
0.5
LSB
Differential Non Linearity
Adnl
±1
LSB
Integral Non Linearity
Ainl
±1.5
LSB
Resistors
X+, X-, Y+, Y- resistance
Rchn
Touch Pad Biasing Resistance
5
Ohm
Pen detect resistance
RPNDT_00
RPNDT = 0
100
kOhm
RPNDT_01
RPNDT = 1
200
kOhm
RPNDT_10
RPNDT = 2
50
kOhm
RPNDT_11
RPNDT = 3
25
kOhm
External components
recommendations
Capacitor between VDD, GND
Cvdd
Type 0402, tolerance +/-50%
0.1
uF
Parameter
Symbol
Conditions
Min.
Typ
Max
Unit
Table 5. Electrical Specifications


Similar Part No. - SX8653

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8653EVKA SEMTECH-SX8653EVKA Datasheet
540Kb / 31P
   Multitouch 15kV ESD protection 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
SX8653ICSTRT SEMTECH-SX8653ICSTRT Datasheet
540Kb / 31P
   Multitouch 15kV ESD protection 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
SX8653IWLTRT SEMTECH-SX8653IWLTRT Datasheet
540Kb / 31P
   Multitouch 15kV ESD protection 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
More results

Similar Description - SX8653

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8653EVKA SEMTECH-SX8653EVKA Datasheet
540Kb / 31P
   Multitouch 15kV ESD protection 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
SX8651 SEMTECH-SX8651 Datasheet
632Kb / 39P
   Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
SX8651EVKA SEMTECH-SX8651EVKA Datasheet
626Kb / 39P
   Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
SX8652EVKA SEMTECH-SX8652EVKA Datasheet
554Kb / 29P
   15kV ESD Low Power 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
SX8677 SEMTECH-SX8677 Datasheet
2Mb / 63P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8674EVK SEMTECH-SX8674EVK Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8674 SEMTECH-SX8674 Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8650 SEMTECH-SX8650 Datasheet
796Kb / 56P
   World?셲 Lowest Power & Smallest Footprint 4-wire Resistive Touchscreen Controller with 15kV ESD
SX8650EVKA SEMTECH-SX8650EVKA Datasheet
671Kb / 39P
   World?셲 Lowest Power & Smallest Footprint 4-wire Resistive Touchscreen Controller with 15kV ESD
SX8650 SEMTECH-SX8650_10 Datasheet
671Kb / 39P
   World?셲 Lowest Power & Smallest Footprint 4-wire Resistive Touchscreen Controller with 15kV ESD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com