Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX8644I05ALPTRT2 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SX8644I05ALPTRT2
Description  Ultra Low Power, Capacitive Button and Slider Touch Controller (12 sensors) with Enhanced LED Drivers
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8644I05ALPTRT2 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SX8644I05ALPTRT2 Datasheet HTML 7Page - Semtech Corporation SX8644I05ALPTRT2 Datasheet HTML 8Page - Semtech Corporation SX8644I05ALPTRT2 Datasheet HTML 9Page - Semtech Corporation SX8644I05ALPTRT2 Datasheet HTML 10Page - Semtech Corporation SX8644I05ALPTRT2 Datasheet HTML 11Page - Semtech Corporation SX8644I05ALPTRT2 Datasheet HTML 12Page - Semtech Corporation SX8644I05ALPTRT2 Datasheet HTML 13Page - Semtech Corporation SX8644I05ALPTRT2 Datasheet HTML 14Page - Semtech Corporation SX8644I05ALPTRT2 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 78 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision 7_5, February 11
© 2011 Semtech Corp.
www.semtech.com
11
SX8644
Ultra Low Power, Capacitive Button and Slider
Touch Controller (12 sensors) with Enhanced LED Drivers
3
FUNCTIONAL DESCRIPTION
3.1
Quickstart Application
The SX8644 is preconfigured (Quickstart Application) for an application with 6 buttons, a slider (consisting of 6
sensors) and 8 LED drivers using logarithmic PWM fading.
Implementing a schematic based on Figure 8 will be immediately operational after powering without programming
the SX8644 (even without host).
cap2
cap3
cap4
cap5
gnd
gpio5
gpio4
gpio3
gpio2
gpio1
gnd
gpio0
cap1
cap0
analog
sensor
interface
micro
processor
RAM
ROM
NVM
I2C
GPIO
controller
power management
clock
generation
RC
PWM
LED
controller
bottom plate
d1
d0
d2
d3
d4
d5
d6
d7
d0
d1
d2
d3
d4
d5
SX8644
HOST
cap6
cap8
cap7
cap9
cap10
d6
d7
Figure 8
Quickstart Application
Touching the sensor on the CAP0 pin will enable automatically the LED connected to GPIO0. When the CAP0
sensor is released the LED on GPIO0 will slowly fade-out using smooth logarithmic fading.
All other sensors (CAP1 to CAP5) have their own LED associated on a GPIO pin showing a touch or a release.
The sensors on CAP6 to CAP11 are used in a slider configuration. A moving finger on the slider will enable the
LED on GPIO6 or GPIO7 indicating the finger movement.
The sensor detection and the LED fading described above are operational without any host interaction.
This is made possible using the SX8644 Autolight feature described in the following sections.
3.2
Introduction
3.2.1
General
The SX8644 is intended to be used in applications which require capacitive sensors covered by isolating overlay
material. A finger approaching the capacitive sensors will change the charge that can be loaded on the sensors.
The SX8644 measures the change of charge and converts that into digital values (ticks). The larger the charge on
the sensors, the larger the number of ticks will be. The charge to ticks conversion is done by the SX8644 Analog
Sensor Interface (ASI).
The ticks are further processed by the SX8644 and converted in a high level, easy to use information for the
user’s host.


Similar Part No. - SX8644I05ALPTRT2

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8644I05AWLTRT SEMTECH-SX8644I05AWLTRT Datasheet
690Kb / 76P
   Ultra Low Power, Capacitive Button and Slider Touch Controller (12 sensors) with Enhanced LED Drivers
More results

Similar Description - SX8644I05ALPTRT2

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8644 SEMTECH-SX8644 Datasheet
690Kb / 76P
   Ultra Low Power, Capacitive Button and Slider Touch Controller (12 sensors) with Enhanced LED Drivers
SX8648 SEMTECH-SX8648 Datasheet
672Kb / 76P
   Ultra Low Power, Capacitive Button and Slider Touch Controller (8 sensors) with Enhanced LED Drivers
SX8643 SEMTECH-SX8643 Datasheet
612Kb / 68P
   Ultra Low Power, Capacitive Button Touch Controller (12 sensors) with Enhanced LED Drivers
SX8645 SEMTECH-SX8645 Datasheet
720Kb / 76P
   Ultra Low Power, Capacitive Button and Wheel Touch Controller (12 sensors) with Enhanced LED Drivers
SX8638 SEMTECH-SX8638 Datasheet
1Mb / 81P
   Low Power, Capacitive Button and Slider Touch Controller (8 sensors) with Enhanced LED Drivers and Proximity
SX8634 SEMTECH-SX8634 Datasheet
1,005Kb / 80P
   Low Power, Capacitive Button and Slider Touch Controller with Enhanced LED
SX8646 SEMTECH-SX8646 Datasheet
605Kb / 67P
   Ultra Low Power, Capacitive Button Touch Controller (8 sensors) with Enhanced LED Drivers
SX8649 SEMTECH-SX8649 Datasheet
716Kb / 77P
   Ultra Low Power, Capacitive Button and Wheel Touch Controller (8 sensors) with Enhanced LED Drivers
SX8633 SEMTECH-SX8633 Datasheet
948Kb / 72P
   Low Power, Capacitive Button Touch Controller (12 sensors) with Enhanced LED
SX8660 SEMTECH-SX8660 Datasheet
755Kb / 75P
   Ultra Low Power, Capacitive Button Touch Controller (8 sensors) with Enhanced LED Drivers and Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com