Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SX1512BIULTRT Datasheet(PDF) 28 Page - Semtech Corporation

Part No. SX1512BIULTRT
Description  World’s Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
Download  37 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMTECH [Semtech Corporation]
Homepage  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1512BIULTRT Datasheet(HTML) 28 Page - Semtech Corporation

Back Button SX1512BIULTRT Datasheet HTML 24Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 25Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 26Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 27Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 28Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 29Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 30Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 31Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 32Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 4 – 26
th April 2011
28
www.semtech.com
SX1511B/SX1512B
World’s Lowest Voltage Level Shifting GPIO
with LED Driver and Keypad Engine
Addr
Name
Default
Bits
Description
0x00
RegInputDisableB
0x00
7:0
Disables the input buffer of each IO
0 : Input buffer is enabled (input actually being used)
1 : Input buffer is disabled (input actually not being used or LED connection)
0x01
RegInputDisableA
0x00
7:0
Disables the input buffer of each IO
0 : Input buffer is enabled (input actually being used)
1 : Input buffer is disabled (input actually not being used, LED connection)
0x02
RegLongSlewB
0x00
7:0
Enables increased slew rate of the output buffer of each [output-configured] IO
0 : Increased slew rate is disabled
1 : Increased slew rate is enabled
0x03
RegLongSlewA
0x00
7:0
Enables increased slew rate of the output buffer of each [output-configured] IO
0 : Increased slew rate is disabled
1 : Increased slew rate is enabled
0x04
RegLowDriveB
0x00
7:0
Enables reduced drive of the output buffer of each [output-configured] IO
0 : Reduced drive is disabled
1 : Reduced drive is enabled, IOL specifications are divided by 2.
0x05
RegLowDriveA
0x00
7:0
Enables reduced drive of the output buffer of each [output-configured] IO
0 : Reduced drive is disabled
1 : Reduced drive is enabled, IOL specifications are divided by 2.
0x06
RegPullUpB
0x00
7:0
Enables the pull-up for each IO
0 : Pull-up is disabled
1 : Pull-up is enabled
0x07
RegPullUpA
0x00
7:0
Enables the pull-up for each IO
0 : Pull-up is disabled
1 : Pull-up is enabled
0x08
RegPullDownB
0x00
7:0
Enables the pull-down for each IO
0 : Pull-down is disabled
1 : Pull-down is enabled
0x09
RegPullDownA
0x00
7:0
Enables the pull-down for each IO
0 : Pull-down is disabled
1 : Pull-down is enabled
0x0A
RegOpenDrainB
0x00
7:0
Enables open drain operation for each [output-configured] IO
0 : Regular push-pull operation
1 : Open drain operation
0x0B
RegOpenDrainA
0x00
7:0
Enables open drain operation for each [output-configured] IO
0 : Regular push-pull operation
1 : Open drain operation
0x0C
RegPolarityB
0x00
7:0
Enables polarity inversion for each IO
0 : Normal polarity : RegData[x] = IO[x]
1 : Inverted polarity : RegData[x] = !IO[x] (for both input and output configured IOs)
0x0D
RegPolarityA
0x00
7:0
Enables polarity inversion for each IO
0 : Normal polarity : RegData[x] = IO[x]
1 : Inverted polarity : RegData[x] = !IO[x] (for both input and output configured IOs)
0x0E
RegDirB
0xFF
7:0
Configures direction for each IO.
0 : IO is configured as an output
1 : IO is configured as an input
0x0F
RegDirA
0xFF
7:0
Configures direction for each IO.
0 : IO is configured as an output
1 : IO is configured as an input
0x10
RegDataB
0xFF
7:0
Write: Data to be output to the output-configured IOs
Read: Data seen at the IOs, independent of the direction configured.
0x11
RegDataA
0xFF
7:0
Write: Data to be output to the output-configured IOs
Read: Data seen at the IOs, independent of the direction configured.
0x12
RegInterruptMaskB
0xFF
7:0
Configures which [input-configured] IO will trigger an interrupt on NINT pin
0 : An event on this IO will trigger an interrupt
1 : An event on this IO will NOT trigger an interrupt
0x13
RegInterruptMaskA
0xFF
7:0
Configures which [input-configured] IO will trigger an interrupt on NINT pin
0 : An event on this IO will trigger an interrupt
1 : An event on this IO will NOT trigger an interrupt
7:6
Edge sensitivity of RegData[15]
5:4
Edge sensitivity of RegData[14]
3:2
Edge sensitivity of RegData[13]
0x14
RegSenseHighB
0x00
1:0
Edge sensitivity of RegData[12]
00 : None
01 : Rising
10 : Falling
11 : Both
7:6
Edge sensitivity of RegData[11]
5:4
Edge sensitivity of RegData[10]
3:2
Edge sensitivity of RegData[9]
0x15
RegSenseLowB
0x00
1:0
Edge sensitivity of RegData[8]
00 : None
01 : Rising
10 : Falling
11 : Both
7:6
Edge sensitivity of RegData[7]
5:4
Edge sensitivity of RegData[6]
3:2
Edge sensitivity of RegData[5]
0x16
RegSenseHighA
0x00
1:0
Edge sensitivity of RegData[4]
00 : None
01 : Rising
10 : Falling
11 : Both
7:6
Edge sensitivity of RegData[3]
0x17
RegSenseLowA
0x00
5:4
Edge sensitivity of RegData[2]
00 : None
01 : Rising
10 : Falling


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn