Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SX1512BIULTRT Datasheet(PDF) 27 Page - Semtech Corporation

Part No. SX1512BIULTRT
Description  World’s Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1512BIULTRT Datasheet(HTML) 27 Page - Semtech Corporation

Back Button SX1512BIULTRT Datasheet HTML 23Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 24Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 25Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 26Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 27Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 28Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 29Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 30Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 31Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 4 – 26
th April 2011
27
www.semtech.com
SX1511B/SX1512B
World’s Lowest Voltage Level Shifting GPIO
with LED Driver and Keypad Engine
Address
Name
Description
Default
0x38
RegTRise4
Fade in register for I/O[4]
0000 0000
0x39
RegTFall4
Fade out register for I/O[4]
0000 0000
0x3A
RegTOn5
ON time register for I/O[5]
0000 0000
0x3B
RegIOn5
ON intensity register for I/O[5]
1111 1111
0x3C
RegOff5
OFF time/intensity register for I/O[5]
0000 0000
0x3D
RegTRise5
Fade in register for I/O[5]
0000 0000
0x3E
RegTFall5
Fade out register for I/O[5]
0000 0000
0x3F
RegTOn6
ON time register for I/O[6]
0000 0000
0x40
RegIOn6
ON intensity register for I/O[6]
1111 1111
0x41
RegOff6
OFF time/intensity register for I/O[6]
0000 0000
0x42
RegTRise6
Fade in register for I/O[6]
0000 0000
0x43
RegTFall6
Fade out register for I/O[6]
0000 0000
0x44
RegTOn7
ON time register for I/O[7]
0000 0000
0x45
RegIOn7
ON intensity register for I/O[7]
1111 1111
0x46
RegOff7
OFF time/intensity register for I/O[7]
0000 0000
0x47
RegTRise7
Fade in register for I/O[7]
0000 0000
0x48
RegTFall7
Fade out register for I/O[7]
0000 0000
0x49
RegTOn8
ON time register for I/O[8]
0000 0000
0x4A
RegIOn8
ON intensity register for I/O[8]
1111 1111
0x4B
RegOff8
OFF time/intensity register for I/O[8]
0000 0000
0x4C
RegTOn9
ON time register for I/O[9]
0000 0000
0x4D
RegIOn9
ON intensity register for I/O[9]
1111 1111
0x4E
RegOff9
OFF time/intensity register for I/O[9]
0000 0000
0x4F
RegTOn10
ON time register for I/O[10]
0000 0000
0x50
RegIOn10
ON intensity register for I/O[10]
1111 1111
0x51
RegOff10
OFF time/intensity register for I/O[10]
0000 0000
0x52
RegTOn11
ON time register for I/O[11]
0000 0000
0x53
RegIOn11
ON intensity register for I/O[11]
1111 1111
0x54
RegOff11
OFF time/intensity register for I/O[11]
0000 0000
0x55
RegTOn12
ON time register for I/O[12]
0000 0000
0x56
RegIOn12
ON intensity register for I/O[12]
1111 1111
0x57
RegOff12
OFF time/intensity register for I/O[12]
0000 0000
0x58
RegTRise12
Fade in register for I/O[12]
0000 0000
0x59
RegTFall12
Fade out register for I/O[12]
0000 0000
0x5A
RegTOn13
ON time register for I/O[13]
0000 0000
0x5B
RegIOn13
ON intensity register for I/O[13]
1111 1111
0x5C
RegOff13
OFF time/intensity register for I/O[13]
0000 0000
0x5D
RegTRise13
Fade in register for I/O[13]
0000 0000
0x5E
RegTFall13
Fade out register for I/O[13]
0000 0000
0x5F
RegTOn14
ON time register for I/O[14]
0000 0000
0x60
RegIOn14
ON intensity register for I/O[14]
1111 1111
0x61
RegOff14
OFF time/intensity register for I/O[14]
0000 0000
0x62
RegTRise14
Fade in register for I/O[14]
0000 0000
0x63
RegTFall14
Fade out register for I/O[14]
0000 0000
0x64
RegTOn15
ON time register for I/O[15]
0000 0000
0x65
RegIOn15
ON intensity register for I/O[15]
1111 1111
0x66
RegOff15
OFF time/intensity register for I/O[15]
0000 0000
0x67
RegTRise15
Fade in register for I/O[15]
0000 0000
0x68
RegTFall15
Fade out register for I/O[15]
0000 0000
Miscellaneous
0x69
RegHighInputB
High input enable register - I/O[15-8] (Bank B)
0000 0000
0x6A
RegHighInputA
High input enable register - I/O[7-0] (Bank A)
0000 0000
Software Reset
0x7D
RegReset
Software reset register
0000 0000
Test (not to be written)
0x7E
RegTest1
Test register
0000 0000
0x7F
RegTest2
Test register
0000 0000
*Bits set as output take “1” as default value.
Table 9 – SX1512B Configuration Registers Overview


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn