Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SX1512BIULTRT Datasheet(PDF) 25 Page - Semtech Corporation

Part No. SX1512BIULTRT
Description  World’s Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1512BIULTRT Datasheet(HTML) 25 Page - Semtech Corporation

Back Button SX1512BIULTRT Datasheet HTML 21Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 22Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 23Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 24Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 25Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 26Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 27Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 28Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 29Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 4 – 26
th April 2011
25
www.semtech.com
SX1511B/SX1512B
World’s Lowest Voltage Level Shifting GPIO
with LED Driver and Keypad Engine
4:0
Fade In setting of IO[X]
0 : OFF
1 - 15 : TRiseX = (RegIOnX-(4xRegOffX[2:0])) * RegTRiseX * (255/ClkX)
16 - 31 : TRiseX = 16 * (RegIOnX-(4xRegOffX[2:0])) * RegTRiseX * (255/ClkX)
7:5
Unused
0xXX
RegTFallX
0x00
4:0
Fade Out setting of IO[X]
0 : OFF
1 - 15 : TFallX = (RegIOnX-(4xRegOffX[2:0])) * RegTFallX * (255/ClkX)
16 - 31 : TFallX = 16 * (RegIOnX-(4xRegOffX[2:0])) * RegTFallX * (255/ClkX)
0x2A
RegHighInput
0x00
7:0
Enables high input mode for each [input-configured] IO
0 : OFF. VIH max = 3.6V and VCCx min = 1.2V
1 : ON. VIH max = 5.5V and VCCx min = 1.65V
0x7D
RegReset
0x00
7:0
Software reset register
Writing consecutively 0x12 and 0x34 will reset the device (same as POR)
Always reads 0.
Table 8 – SX1511B Configuration Registers Description


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn