Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SX1512BIULTRT Datasheet(PDF) 24 Page - Semtech Corporation

Part No. SX1512BIULTRT
Description  World’s Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1512BIULTRT Datasheet(HTML) 24 Page - Semtech Corporation

Back Button SX1512BIULTRT Datasheet HTML 20Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 21Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 22Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 23Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 24Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 25Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 26Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 27Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 28Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 4 – 26
th April 2011
24
www.semtech.com
SX1511B/SX1512B
World’s Lowest Voltage Level Shifting GPIO
with LED Driver and Keypad Engine
7
LED Driver mode for Bank B’s fading capable IOs (IO7)
0: Linear
1: Logarithmic
6:4
Frequency of the LED Driver clock ClkX of all IOs:
0 : OFF. LED driver functionality is disabled for all IOs.
Else : ClkX = fOSC/(2^(RegMisc[6:4]-1))
3
LED Driver mode for Bank A’s fading capable IOs (IO3)
0: Linear
1: Logarithmic
2
NRESET pin function when externally forced low (Cf. §4.3.1 and §4.8.5)
0: Equivalent to POR
1: Reset PWM/Blink/Fade counters (not user programmed values)
This bit can only be reset manually or by POR, not by NRESET.
1
Auto-increment register address (Cf. §4.4)
0: ON. When several consecutive data are read/written, register address is incremented.
1: OFF. When several consecutive data are read/written, register address is kept fixed.
0x10
RegMisc
0x00
0
Autoclear NINT on RegData read (Cf. §4.6)
0: ON. RegInterruptSource is also automatically cleared when RegData is read.
1: OFF. RegInterruptSource must be manually cleared, either directly or via
RegEventStatus.
0x11
RegLEDDriverEnable
0x00
7:0
Enables LED Driver for each [output-configured] IO
0 : LED Driver is disabled
1 : LED Driver is enabled
7:3
Unused
0x12
RegDebounceConfig
0x00
2:0
Debounce time (Cf. §4.5.1)
000: 0.5ms x 2MHz/fOSC
001: 1ms x 2MHz/fOSC
010: 2ms x 2MHz/fOSC
011: 4ms x 2MHz/fOSC
100: 8ms x 2MHz/fOSC
101: 16ms x 2MHz/fOSC
110: 32ms x 2MHz/fOSC
111: 64ms x 2MHz/fOSC
0x13
RegDebounceEnable
0x00
7:0
Enables debouncing for each [input-configured] IO
0 : Debouncing is disabled
1 : Debouncing is enabled
7
Unused
6:5
Number of rows (outputs) + key scan enable
00 : Key scan OFF
01 : 2 rows – IO[0:1]
10 : 3 rows – IO[0:2]
11 : 4 rows – IO[0:3]
4:3
Number of columns (inputs)
00 : 1 column – IO[4]
01 : 2 columns – IO[4:5]
10 : 3 columns – IO[4:6]
11 : 4 columns – IO[4:7]
0x14
RegKeyConfig
0x00
2:0
Scan time per row (must be set above debounce time).
000 : 1ms x 2MHz/fOSC
001 : 2ms x 2MHz/fOSC
010 : 4ms x 2MHz/fOSC
011 : 8ms x 2MHz/fOSC
100 : 16ms x 2MHz/fOSC
101 : 32ms x 2MHz/fOSC
110 : 64ms x 2MHz/fOSC
111 : 128ms x 2MHz/fOSC
0x15
RegKeyData
0xFF
7:0
Key which generated NINT (active low)
Ex: RegKeyData=11011110 => key [IO5;IO0] has been pressed and generated NINT
When read it is automatically cleared together with NINT and key scan continues.
7:5
Unused
0xXX
RegTOnX
0x00
4:0
ON Time of IO[X]:
0 : Infinite (Static mode, TOn directly controlled by RegData, Cf §4.8.2)
1 - 15 : TOnX = 64 * RegTOnX * (255/ClkX)
16 - 31 : TOnX = 512 * RegTOnX * (255/ClkX)
0xXX
RegIOnX
0xFF
7:0
ON Intensity of IO[X]
- Linear mode : IOnX = RegIOnX
- Logarithmic mode (fading capable IOs only) : IOnX = f(RegIOnX) , Cf §4.8.5
7:3
OFF Time of IO[X]:
0 : Infinite (Single shot mode, TOff directly controlled by RegData, Cf §4.8.3)
1 - 15 : TOffX = 64 * RegOffX[7:3] * (255/ClkX)
16 - 31 : TOffX = 512 * RegOffX[7:3] * (255/ClkX)
0xXX
RegOffX
0x00
2:0
OFF Intensity of IO[X]
- Linear mode : IOffX = 4 x RegOff[2:0]
- Logarithmic mode (fading capable IOs only) : IOffX = f(4 x RegOffX[2:0]) , Cf §4.8.5
0xXX
RegTRiseX
0x00
7:5
Unused


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn