Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SX1512BIULTRT Datasheet(PDF) 14 Page - Semtech Corporation

Part No. SX1512BIULTRT
Description  World’s Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1512BIULTRT Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SX1512BIULTRT Datasheet HTML 10Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 11Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 12Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 13Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 14Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 15Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 16Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 17Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 4 – 26
th April 2011
14
www.semtech.com
SX1511B/SX1512B
World’s Lowest Voltage Level Shifting GPIO
with LED Driver and Keypad Engine
4.4.1
WRITE
To write a value into a configuration register the timing diagram below should be carefully followed by the uC.
SCK
NSS
SI
SO
Figure 7 - SPI Write Operation
Successive register data can be written by the master without repeating the address byte, the register address
can be automatically incremented or kept fixed depending on the setting programmed in RegMisc.
4.4.2
READ
To read a value from a configuration register the timing diagram below should be carefully followed by the uC.
SCK
NSS
SI
SO
Figure 8 – SPI Read Operation
Successive register data can be read by the master without repeating the address byte, the register address will
be automatically incremented or kept fixed depending on the setting programmed in RegMisc.
4.5
I/O Banks
4.5.1
Input Debouncer
Each input can be individually debounced by setting corresponding bits in RegDebounce register. At power up
the debounce function is disabled. After enabling the debouncer, the change of the input value is accepted only if
the input value is identical at two consecutive sampling times.
The debounce time common to all IOs can be set in RegDebounceConfig register from 0.5 to 64ms.(fOSC =
2MHz)
4.5.2
Keypad Scanning Engine
SX1511B, and SX1512B integrate a fully programmable keypad scanning engine to implement keypad
applications up to 8x8 matrix (i.e. 64 keys).
Please note that SX1512B also implements an Auto Sleep/Wakeup feature to save power consumption when no
key has been pressed for a programmed time.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn