Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SX1512BIULTRT Datasheet(PDF) 5 Page - Semtech Corporation

Part No. SX1512BIULTRT
Description  World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1512BIULTRT Datasheet(HTML) 5 Page - Semtech Corporation

  SX1512BIULTRT Datasheet HTML 1Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 2Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 3Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 4Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 5Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 6Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 7Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 8Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 4 – 26
th April 2011
5
www.semtech.com
SX1511B/SX1512B
World’s Lowest Voltage Level Shifting GPIO
with LED Driver and Keypad Engine
1.2
SX1512B 16-channel SPI GPIO with LED Driver and Keypad Engine
Pin
Symbol
Type
Description
1
I/O[2]
DIO
(*1)
I/O[2], at power-on configured as an input
LED driver : Intensity control (PWM), Blinking
2
I/O[3]
DIO
(*1)
I/O[3], at power-on configured as an input
LED driver : Intensity control (PWM), Blinking
3
GND
P
Ground Pin
4
VCC1
P
Supply voltage for Bank A I/O[7-0]
5
I/O[4]
DIO
(*1)
I/O[4], at power-on configured as an input
LED driver : Intensity control (PWM), Blinking, Breathing (Fade In/Out)
6
I/O[5]
DIO
(*1)
I/O[5], at power-on configured as an input
LED driver : Intensity control (PWM), Blinking, Breathing (Fade In/Out)
7
I/O[6]
DIO
(*1)
I/O[6], at power-on configured as an input
LED driver : Intensity control (PWM), Blinking, Breathing (Fade In/Out)
8
I/O[7]
DIO
(*1)
I/O[7], at power-on configured as an input
LED driver : Intensity control (PWM), Blinking, Breathing (Fade In/Out)
9
NINT
DO
Active low interrupt output
10
NSS
DI
SPI slave select input (active low)
11
OSCIO
DIO
(*1)
Oscillator input/output, can also be used as GPO
12
VDDM
P
Main supply voltage
13
I/O[8]
DIO
(*1)
I/O[8], at power-on configured as an input
LED driver : Intensity control (PWM), Blinking
14
I/O[9]
DIO
(*1)
I/O[9], at power-on configured as an input
LED driver : Intensity control (PWM), Blinking
15
I/O[10]
DIO
(*1)
I/O[10], at power-on configured as an input
LED driver : Intensity control (PWM), Blinking
16
I/O[11]
DIO
(*1)
I/O[11], at power-on configured as an input
LED driver : Intensity control (PWM), Blinking
17
GND
P
Ground Pin
18
VCC2
P
Supply voltage for Bank B I/O[15-8]
19
I/O[12]
DIO
(*1)
I/O[12], at power-on configured as an input
LED driver : Intensity control (PWM), Blinking, Breathing (Fade In/Out)
20
I/O[13]
DIO
(*1)
I/O[13], at power-on configured as an input
LED driver : Intensity control (PWM), Blinking, Breathing (Fade In/Out)
21
I/O[14]
DIO
(*1)
I/O[14], at power-on configured as an input
LED driver : Intensity control (PWM), Blinking, Breathing (Fade In/Out)
22
I/O[15]
DIO
(*1)
I/O[15], at power-on configured as an input
LED driver : Intensity control (PWM), Blinking, Breathing (Fade In/Out)
23
NRESET
DI
Active low reset input
24
SO
DO
SPI data output (HZ when not used)
25
SCK
DI
SPI clock input
26
SI
DI
SPI data input
27
I/O[0]
DIO
(*1)
I/O[0], at power-on configured as an input
LED driver : Intensity control (PWM), Blinking
28
I/O[1]
DIO
(*1)
I/O[1], at power-on configured as an input
LED driver : Intensity control (PWM), Blinking
D/I/O/P: Digital/Input/Output/Power
(*1) This pin is programmable through the SPI interface
Table 2 – SX1512B Pin Description
Figure 2 – SX1512B QFN-UT-28 Pinout
I/O[2]
I/O[3]
GND
VCC1
I/O[4]
I/O[5]
I/O[6]
I/O[14]
I/O[13]
I/O[12]
VCC2
GND
I/O[11]
I/O[10]
TOP VIEW
GND
(PAD)
21
20
19
18
17
16
15
1
2
3
4
5
6
7


Similar Part No. - SX1512BIULTRT

ManufacturerPart No.DatasheetDescription
Semtech Corporation
Semtech Corporation
SX1512BIULTRT SEMTECH-SX1512BIULTRT Datasheet
1Mb / 43P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1512BIULTRT SEMTECH-SX1512BIULTRT Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
More results

Similar Description - SX1512BIULTRT

ManufacturerPart No.DatasheetDescription
Semtech Corporation
Semtech Corporation
SX1510B SEMTECH-SX1510B Datasheet
1Mb / 43P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1507QB SEMTECH-SX1507QB Datasheet
1Mb / 42P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1509BEVK SEMTECH-SX1509BEVK Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1507 SEMTECH-SX1507 Datasheet
1Mb / 41P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1508B SEMTECH-SX1508B Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1508QB SEMTECH-SX1508QB Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1511B SEMTECH-SX1511B Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX15007QB SEMTECH-SX15007QB Datasheet
1Mb / 42P
   World?셲 Lowest Voltage Level Shifting GPIO ADVANCED COMMUNICATIONS & SENSING
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AK4184 AKM-AK4184 Datasheet
608Kb / 36P
   TSC with Keypad Scanner and GPIO Expander
Bruckewell Technology LTD
Bruckewell Technology L...
MS90N06 BWTECH-MS90N06 Datasheet
485Kb / 6P
   Level Shifting and Driver Circuits
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz