Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SX1512BIULTRT Datasheet(PDF) 4 Page - Semtech Corporation

Part No. SX1512BIULTRT
Description  World’s Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1512BIULTRT Datasheet(HTML) 4 Page - Semtech Corporation

  SX1512BIULTRT Datasheet HTML 1Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 2Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 3Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 4Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 5Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 6Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 7Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 8Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 4 – 26
th April 2011
4
www.semtech.com
SX1511B/SX1512B
World’s Lowest Voltage Level Shifting GPIO
with LED Driver and Keypad Engine
1
PIN DESCRIPTION
1.1
SX1511B 8-channel SPI GPIO with LED Driver and Keypad Engine
Pin
Symbol
Type
Description
1
NRESET
DI
Active low reset input
2
SO
DO
SPI data output (HZ when not used)
3
SCK
DI
SPI clock input
4
SI
DI
SPI data input
5
I/O[0]
DIO
(*1)
I/O[0], at power-on configured as an input
LED driver : Intensity control (PWM)
6
I/O[1]
DIO
(*1)
I/O[1], at power-on configured as an input
LED driver : Intensity control (PWM)
7
VCC1
P
Supply voltage for Bank A I/O[3-0]
8
GND
P
Ground Pin
9
I/O[2]
DIO
(*1)
I/O[2], at power-on configured as an input
LED driver : Intensity control (PWM), Blinking
10
I/O[3]
DIO
(*1)
I/O[3], at power-on configured as an input
LED driver : Intensity control (PWM), Blinking, Breathing (Fade In/Out)
11
NINT
DO
Active low interrupt output
12
NSS
DI
SPI slave select input (active low)
13
OSCIO
DIO
(*1)
Oscillator input/output, can also be used as GPO
14
VDDM
P
Main supply voltage
15
I/O[4]
DIO
(*1)
I/O[4], at power-on configured as an input
LED driver : Intensity control (PWM)
16
I/O[5]
DIO
(*1)
I/O[5], at power-on configured as an input
LED driver : Intensity control (PWM)
17
VCC2
P
Supply voltage for Bank B I/O[7-4]
18
GND
P
Ground Pin
19
I/O[6]
DIO
(*1)
I/O[6], at power-on configured as an input
LED driver : Intensity control (PWM), Blinking
20
I/O[7]
DIO
(*1)
I/O[7], at power-on configured as an input
LED driver : Intensity control (PWM), Blinking, Breathing (Fade In/Out)
D/I/O/P: Digital/Input/Output/Power
(*1) This pin is programmable through the SPI interface
Table 1 – SX1511B Pin Description
Figure 1 – SX1511B QFN-UT-20 Pinout
NRESET
SO
SCK
SI
I/O[0]
I/O[4]
VDDM
OSCIO
NSS
NINT
GND
(PAD)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn