Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SX1512BIULTRT Datasheet(PDF) 22 Page - Semtech Corporation

Part No. SX1512BIULTRT
Description  World’s Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1512BIULTRT Datasheet(HTML) 22 Page - Semtech Corporation

Back Button SX1512BIULTRT Datasheet HTML 18Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 19Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 20Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 21Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 22Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 23Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 24Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 25Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 26Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 4 – 26
th April 2011
22
www.semtech.com
SX1511B/SX1512B
World’s Lowest Voltage Level Shifting GPIO
with LED Driver and Keypad Engine
5
CONFIGURATION REGISTERS
5.1
SX1511B 8-channel GPIO with LED Driver and Keypad Engine
Address
Name
Description
Default
Device and IO Banks
0x00
RegInputDisable
Input buffer disable register
0000 0000
0x01
RegLongSlew
Output buffer long slew register
0000 0000
0x02
RegLowDrive
Output buffer low drive register
0000 0000
0x03
RegPullUp
Pull-up register
0000 0000
0x04
RegPullDown
Pull-down register
0000 0000
0x05
RegOpenDrain
Open drain register
0000 0000
0x06
RegPolarity
Polarity register
0000 0000
0x07
RegDir
Direction register
1111 1111
0x08
RegData
Data register
1111 1111
*
0x09
RegInterruptMask
Interrupt mask register
1111 1111
0x0A
RegSenseHigh
Sense register for I/O[7:4]
0000 0000
0x0B
RegSenseLow
Sense register for I/O[3:0]
0000 0000
0x0C
RegInterruptSource
Interrupt source register
0000 0000
0x0D
RegEventStatus
Event status register
0000 0000
0x0E
RegLevelShifter
Level shifter register
0000 0000
0x0F
RegClock
Clock management register
0000 0000
0x10
RegMisc
Miscellaneous device settings register
0000 0000
0x11
RegLEDDriverEnable
LED driver enable register
0000 0000
Debounce and Keypad Engine
0x12
RegDebounceConfig
Debounce configuration register
0000 0000
0x13
RegDebounceEnable
Debounce enable register
0000 0000
0x14
RegKeyConfig
Key scan configuration register
0000 0000
0x15
RegKeyData
Key value
1111 1111
LED Driver (PWM, blinking, breathing)
0x16
RegIOn0
ON intensity register for I/O[0]
1111 1111
0x17
RegIOn1
ON intensity register for I/O[1]
1111 1111
0x18
RegTOn2
ON time register for I/O[2]
0000 0000
0x19
RegIOn2
ON intensity register for I/O[2]
1111 1111
0x1A
RegOff2
OFF time/intensity register for I/O[2]
0000 0000
0x1B
RegTOn3
ON time register for I/O[3]
0000 0000
0x1C
RegIOn3
ON intensity register for I/O[3]
1111 1111
0x1D
RegOff3
OFF time/intensity register for I/O[3]
0000 0000
0x1E
RegTRise3
Fade in register for I/O[3]
0000 0000
0x1F
RegTFall3
Fade out register for I/O[3]
0000 0000
0x20
RegIOn4
ON intensity register for I/O[4]
1111 1111
0x21
RegIOn5
ON intensity register for I/O[5]
1111 1111
0x22
RegTOn6
ON time register for I/O[6]
0000 0000
0x23
RegIOn6
ON intensity register for I/O[6]
1111 1111
0x24
RegOff6
OFF time/intensity register for I/O[6]
0000 0000
0x25
RegTOn7
ON time register for I/O[7]
0000 0000
0x26
RegIOn7
ON intensity register for I/O[7]
1111 1111
0x27
RegOff7
OFF time/intensity register for I/O[7]
0000 0000
0x28
RegTRise7
Fade in register for I/O[7]
0000 0000
0x29
RegTFall7
Fade out register for I/O[7]
0000 0000
Miscellaneous
0x2A
RegHighInput
High input enable register
0000 0000
Software Reset
0x7D
RegReset
Software reset register
0000 0000
Test (not to be written)
0x7E
RegTest1
Test register
0000 0000
0x7F
RegTest2
Test register
0000 0000
*Bits set as output take “1” as default value.
Table 7 – SX1511B Configuration Registers Overview


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn