Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SX1512BIULTRT Datasheet(PDF) 16 Page - Semtech Corporation

Part No. SX1512BIULTRT
Description  World’s Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1512BIULTRT Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SX1512BIULTRT Datasheet HTML 12Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 13Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 14Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 15Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 16Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 17Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 18Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 19Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 4 – 26
th April 2011
16
www.semtech.com
SX1511B/SX1512B
World’s Lowest Voltage Level Shifting GPIO
with LED Driver and Keypad Engine
The minimum pulse width tLevelShiftMin which can be level shifted properly depends on VCCx and VDDM:
tLevelShiftMin = Input Delay + Core Delay + Output Delay
Input/Core/Output delays vs VCCx/VDDM are given in figures below.
Figure 11 – Level Shifter Max Frequency Calculation Data
4.5.4
Polarity Inverter
Each IO’s polarity can be individually inverted by setting corresponding bit in RegPolarity register. Please note
that polarity inversion can also be combined with level shifting feature.
4.6
Interrupt (NINT)
At start-up, the transition detection logic is reset, and NINT is released to a high-impedance state. The interrupt
mask register is set to 0xFF, disabling the interrupt output for transitions on all I/O ports. The transition flags are
cleared to indicate no data changes.
An interrupt NINT can be generated on any programmed combination of I/Os rising and/or falling edges through
the RegInterruptMask and RegSense registers.
If needed, the I/Os which triggered the interrupt can then be identified by reading RegInterruptSource register.
SX1512B Digital Core Delay vs. Supply Voltage
14
16
18
20
22
24
26
28
1
1.5
2
2.5
3
3.5
VDDM (V)
Typical
Worst Case
IO Input Delay vs. Supply Voltage
0.000
1.000
2.000
3.000
4.000
5.000
6.000
7.000
8.000
9.000
10.000
1.000
1.500
2.000
2.500
3.000
3.500
VCCx (V)
Typical
Worst Case
SX1511B Digital Core Delay vs. Supply Voltage
14
16
18
20
22
24
26
28
1
1.5
2
2.5
3
3.5
VDDM (V)
Typical
Worst Case
IO Output Delay vs. Supply Voltage ( LowDriveEn=0, 20pF Load)
0.000
20.000
40.000
60.000
80.000
100.000
120.000
140.000
1.000
1.500
2.000
2.500
3.000
3.500
VCCx (V)
Typical
Worst Case
IO Output Delay vs. Supply Voltage (LowDriveEn=1, 20pF Load)
0.000
20.000
40.000
60.000
80.000
100.000
120.000
140.000
1.000
1.500
2.000
2.500
3.000
3.500
VCCx (V)
Typical
Worst Case


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn