Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SX1512BIULTRT Datasheet(PDF) 10 Page - Semtech Corporation

Part No. SX1512BIULTRT
Description  World’s Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
Download  37 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMTECH [Semtech Corporation]
Homepage  http://www.semtech.com
Logo 

SX1512BIULTRT Datasheet(HTML) 10 Page - Semtech Corporation

Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 4 – 26
th April 2011
10
www.semtech.com
SX1511B/SX1512B
World’s Lowest Voltage Level Shifting GPIO
with LED Driver and Keypad Engine
3
TYPICAL OPERATING CHARACTERISTICS
Fosc vs.Temperature (VDDM = 3.6V)
1.3
1.5
1.7
1.9
2.1
2.3
2.5
-50
-30
-10
10
30
50
70
90
Temp (
oC)
SX1512B IDDM vs.VDDM (Oscillator Enabled)
100
120
140
160
180
200
220
240
260
280
300
320
340
360
1.3
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
VDDM (V)
VOL vs.Temperature (VCCx = 3.6V, IOL = 15mA)
0
0.05
0.1
0.15
0.2
0.25
0.3
-50
-30
-10
10
30
50
70
90
Temp (
oC)
VOH vs. Temperature (VCCx = 3.6V, IOH = 8mA)
3.2
3.25
3.3
3.35
3.4
3.45
3.5
3.55
3.6
-50
-30
-10
10
30
50
70
90
Temp (
oC)
SX1512B IDDM vs.VDDM (Oscillator Enabled)
100
120
140
160
180
200
220
240
260
280
300
320
340
360
1.3
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
VDDM (V)
VOH vs. IOH (VDDM = 3.6V, Temp 25C)
3.2
3.25
3.3
3.35
3.4
3.45
3.5
3.55
3.6
-8
-7
-6
-5
-4
-3
-2
-1
0
IOH (mA)
VOL vs. IOL (VCCx = 3.6V, Temp 25C)
0
0.05
0.1
0.15
0.2
0.25
0.3
0
2
4
6
8
10
12
14
IOL (mA)
Fosc vs. VDDM
1.3
1.5
1.7
1.9
2.1
2.3
2.5
1.3
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
VDDM (V)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn