Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SX1512BIULTRT Datasheet(PDF) 9 Page - Semtech Corporation

Part No. SX1512BIULTRT
Description  World’s Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1512BIULTRT Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SX1512BIULTRT Datasheet HTML 5Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 6Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 7Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 8Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 9Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 10Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 11Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 12Page - Semtech Corporation SX1512BIULTRT Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 4 – 26
th April 2011
9
www.semtech.com
SX1511B/SX1512B
World’s Lowest Voltage Level Shifting GPIO
with LED Driver and Keypad Engine
Symbol
Description
Conditions
Min
Typ
Max
Unit
tSO,VALID
SO valid time (% of SCK cycle)
After SCK falling edge
-
-
33
(4)
%
tNSS,SCK
NSS low to SCK rising edge
-
25
-
-
ns
tSCK,NSS
SCK falling edge to NSS high
-
25
-
-
ns
tNSS,HIGH
NSS rising to falling edge
-
25
-
-
ns
Miscellaneous
RPULL
Programmable pull-up/down
resistors for IO[0-7]
-
-
42
-
k
Internal
1.3
2
2.6
fOSC
Oscillator frequency
External from OSCIN
(40-60% duty cycle)
-
-
2.6
MHz
(1) Assuming no load connected to outputs and inputs fixed to VCC1,2 or GND.
(2) Can be increased by tying together and driving simultaneously several I/Os.
(3) With RegHighInput bit enabled (VCCx min =1.65V), else 3.6V (VCCx min = 1.2V)
(4) fSCK is calculated assuming a tSO,VALID of maximum 1/3 of SCK cycle. This gives 1/6 of SCK cycle as setup time to the host controller.
For systems where the setup time can be relaxed, tSO,VALID is also shown in §3 to allow the user to calculate the maximum SPI frequency
for individual systems.
Table 5 – Electrical Specifications


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn