Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SX1512BIULTRT Datasheet(PDF) 8 Page - Semtech Corporation

Part No. SX1512BIULTRT
Description  World’s Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
Download  37 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMTECH [Semtech Corporation]
Homepage  http://www.semtech.com
Logo 

SX1512BIULTRT Datasheet(HTML) 8 Page - Semtech Corporation

Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 4 – 26
th April 2011
8
www.semtech.com
SX1511B/SX1512B
World’s Lowest Voltage Level Shifting GPIO
with LED Driver and Keypad Engine
Symbol
Description
Conditions
Min
Typ
Max
Unit
VCC1,2 >= 2V
-
-
15
(2)
IOL
Low level output sink current
VCC1,2 < 2V
-
-
8
(2)
mA
tPV
Output data valid timing
After 8
th SCK falling
edge
-
-
200
ns
NINT (Output)
VOL
Low level output voltage
-
-0.4
-
0.3
V
VDDM >= 2V
-
-
8
IOLM
Low level output sink current
VDDM < 2V
-
-
4
mA
tIV
Interrupt valid timing
From input data change
-
-
4
µs
tIR
Interrupt reset timing
From RegInterruptSource
clearing
-
-
4
µs
NRESET (Input)
VDDM >= 2V
0.7*VDDM
-
VDDMmax
VIHMR
High level input voltage
VDDM < 2V
0.8*VDDM
-
VDDMmax
V
VDDM >= 2V
-0.4
-
0.3*VDDM
VILM
Low level input voltage
VDDM < 2V
-0.4
-
0.2*VDDM
V
ILEAK
Input leakage current
-
-1
-
1
µA
CI
Input capacitance
-
-
-
10
pF
VPOR
Power-On-Reset voltage
Cf. Figure 6
-
0.8
-
V
VDROPH High brown-out voltage
Cf. Figure 6
-
VDDM-1
-
V
VDROPL Low brown-out voltage
Cf. Figure 6
-
0.2
-
V
tRESET
Reset time
Cf. Figure 6
0.6
-
2.5
ms
tPULSE
Reset pulse from host uC
Cf. Figure 6
200
-
-
ns
OSCIO (Input/Output)
VDDM >= 2V
0.7*VDDM
-
VDDM+0.3
1.425V =< VDDM < 2V 0.8*VDDM
-
VDDM+0.3
VIHMO
High level input voltage
VDDM < 1.425V
0.9*VDDM
-
VDDM+0.3
V
VDDM >= 2V
-0.4
-
0.3*VDDM
1.425V =< VDDM < 2V
-0.4
-
0.2*VDDM
VILMO
Low level input voltage
VDDM < 1.425V
-0.4
-
0.1*VDDM
V
ILEAK
Input leakage current
-
-1
-
1
µA
CI
Input capacitance
-
-
-
10
pF
VOHM
High level output voltage
-
VDDM-0.3
-
VDDM
V
VOL
Low level output voltage
-
-0.4
-
0.3
V
VDDM >= 2V
-
-
8
IOHM
High level output source current
VDDM < 2V
-
-
2
mA
VDDM >= 2V
-
-
8
IOLM
Low level output sink current
VDDM < 2V
-
-
4
mA
SPI Interface : NSS(Input), SCK(Input), SI(Input), SO(Output)
VDDM >= 2V
0.7*
VDDM
-
VDDM
+0.3
VIHMA
High level input voltage
VDDM < 2V
0.8*
VDDM
-
VDDM
+0.3
V
VDDM >= 2V
-0.4
-
0.3*
VDDM
VILM
Low level input voltage
VDDM < 2V
-0.4
-
0.2*
VDDM
V
ILEAK
Input leakage current
-
-1
-
1
µA
CI
Input capacitance
-
-
-
10
pF
VOHM
High level output voltage
-
VDDM –
0.3
-
VDDM
V
VOL
Low level output voltage
-
-0.4
-
0.3
V
VDDM >= 2V
-
-
8
IOHM
High level output source current
VDDM < 2V
-
-
2
mA
VDDM >= 2V
-
-
8
IOLM
Low level output sink current
VDDM < 2V
-
-
4
mA
fSCK
SCK max clock frequency
-
-
20
(4)
-
MHz
tSCK,LOW
SCK low time (% of SCK cycle)
-
45
-
55
%
tSCK,HIGH
SCK high time (% of SCK cycle)
-
45
-
55
%
tSI,SETUP
SI setup time
-
9
-
-
ns
tSI,HOLD
SI hold time
-
9
-
-
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn