Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC5010 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC5010
Description  High Effi ciency 8-Channel LED Driver with I2C Interface and Phase-Shifted PWM Dimming
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5010 Datasheet(HTML) 4 Page - Semtech Corporation

  SC5010 Datasheet HTML 1Page - Semtech Corporation SC5010 Datasheet HTML 2Page - Semtech Corporation SC5010 Datasheet HTML 3Page - Semtech Corporation SC5010 Datasheet HTML 4Page - Semtech Corporation SC5010 Datasheet HTML 5Page - Semtech Corporation SC5010 Datasheet HTML 6Page - Semtech Corporation SC5010 Datasheet HTML 7Page - Semtech Corporation SC5010 Datasheet HTML 8Page - Semtech Corporation SC5010 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
SC5010
4
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Boost Converter
CS Current Limit Threshold
V
CS(ILIM)
0.36
0.40
0.44
V
Soft-start Time (1)
t
SS
From EN to end of soft start
4.4
ms
Boost Oscillator Frequency
F
SW
R
FSET
= 100kΩ
0.85
1
1.15
MHz
Boost Oscillator Frequency
F
OSC
R
FSET
Varies
0.2
2.2
MHz
Maximum duty cycle
D
MAX
85
90
%
Output Disconnect Gate Drive
DRVP Sink Current
I
DRVP(L)
DRVP = 12V
20
μA
DRVP clamp voltage
V
CLAMP
DRVP floating, V
CLAMP
= V
IN
- V
DRVP
57
8
V
DRVP Pin Leakage Current
I
LEAK
V
DRVP
= 27V, V
EN
= 0V
0.1
1
μA
Control Signals: EN, PWMI, SYNC, SDA, SCL
High Voltage Threshold
V
IH
V
CC
= 4.5V to 5.5V
2.1
V
Low Voltage Threshold
V
IL
V
CC
= 4.5V to 5.5V
0.8
V
SDA Output Low
V
SDA(L)
-6mA from V
CC
to SDA
0.3
V
Pin Leakage Current
I
LEAK
V
EN
= 0V, V
VSYNC
= V
PWMI
= V
ISET
= V
FSET
= V
SDA
= V
SDL
= 5.0V
-1
1
μA
PWM Dimming Input
PWMI Input Dimming Frequency
F
PWMI
100
30k
Hz
SYNC Input Frequency
F
SYNC
30
100k
Hz
PWMI Input Resolution
100Hz < F
PWMI
< 10kHz
10
bits
10kHz < F
PWMI
< 20kHz
9
bits
Over-Voltage Protection
OVP Trip Threshold Voltage
V
OVP(TRIG)
OVP Rising
1.1
1.2
1.3
V
OVP Hysteresis
V
OVP(HYS)
OVP Falling
10
mV
OVP Leakage Current
I
OVP(LEAK)
OVP = 5V
0.1
1
μA
Electrical Characteristics (continued)


Similar Part No. - SC5010

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC5010H SEMTECH-SC5010H Datasheet
2Mb / 36P
   High Efficiency 8-Channel LED Driver with I2C Interface and Phase-Shifted PWM Dimming
More results

Similar Description - SC5010

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC5012BQ SEMTECH-SC5012BQ Datasheet
84Kb / 1P
   High Effi ciency 4-Ch, 150mA/Ch LED Driver with I2C Interface and Phase-Shifted PWM Dimming
SC5010H SEMTECH-SC5010H Datasheet
2Mb / 36P
   High Efficiency 8-Channel LED Driver with I2C Interface and Phase-Shifted PWM Dimming
SC5014 SEMTECH-SC5014 Datasheet
1Mb / 34P
   High Efficiency 4-Channel HB LED Driver with I2C Interface and Phase-Shifted PWM Dimming
SC5012Q SEMTECH-SC5012Q Datasheet
245Kb / 1P
   High Efficiency 4-Ch, 150mA/Ch LED Driver with I2C Interface and Phase-Shifted PWM Dimming
SC5012 SEMTECH-SC5012 Datasheet
175Kb / 1P
   High Efficiency 4-Ch, 150mA/Ch LED Driver with I2C Interface and Phase-Shifted PWM Dimming
SC5014A SEMTECH-SC5014A Datasheet
1Mb / 27P
   High Efficiency 2-Channel HB LED Driver with I2C Interface and Direct PWM Dimming
logo
Monolithic Power System...
MPQ3324 MPS-MPQ3324 Datasheet
1Mb / 29P
   8-Channel, 100mA/Ch, LED Driver with Separated PWM Analog Dimming and I2C Interface, AEC-Q100
Rev. 1.0 2/18/2021
logo
Maxim Integrated Produc...
MAX20056BEVKIT MAXIM-MAX20056BEVKIT Datasheet
1Mb / 10P
   Demonstrates Both Phase-Shifted and Direct PWM Dimming
Rev 0; 2/19
logo
Texas Instruments
TPS92638-Q1 TI1-TPS92638-Q1_16 Datasheet
4Mb / 39P
[Old version datasheet]   8-Channel Linear LED Driver With PWM Dimming
logo
Renesas Technology Corp
ISL97671 RENESAS-ISL97671 Datasheet
1Mb / 27P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
Sep 7, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com