Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SC632A Datasheet(PDF) 12 Page - Semtech Corporation

Part No. SC632A
Description  1MHz Fixed 5.0V Output Charge Pump Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMTECH [Semtech Corporation]
Homepage  http://www.semtech.com
Logo 

SC632A Datasheet(HTML) 12 Page - Semtech Corporation

 
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
SC632A
2
Applications Information (continued)
PCB Layout Considerations
Poor layout can degrade the performance of the regula-
tor and can be a contributory factor in EMI problems,
ground bounce, thermal issues, and resistive voltage
losses. Poor regulation and instability can result.
The following design rules are recommended:
Place the bucket capacitors as close to the device as
possible and on the same side of the board. Use short
wide copper areas between the capacitor pins and
the device pins.
.
Place the input and output decoupling capacitors
as close as possible to the device and connect these
capacitors’ground pads together to the ground plane
using multiple vias through a short wide copper
area.
Connect pin  directly to the copper area under the
thermal pad.
The thermal pad at the center of the device is not
electrically connected. Connect this pad to the
ground plane using multiple vias.
Use a ground plane to further reduce noise
interference on sensitive circuit nodes.
2.
3.
4.
5.
COUT
EN
IN
CIN
SC632A
OUT
C2+
C2-
C1+
C1-
GND
C2
GND
EN
C1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn