Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTMA180402M Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # PTMA180402M
Description  Wideband RF LDMOS Integrated Power Amplifi er 40 W, 28 V, 1800 . 2100 MHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTMA180402M Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button PTMA180402M_11 Datasheet HTML 3Page - Infineon Technologies AG PTMA180402M_11 Datasheet HTML 4Page - Infineon Technologies AG PTMA180402M_11 Datasheet HTML 5Page - Infineon Technologies AG PTMA180402M_11 Datasheet HTML 6Page - Infineon Technologies AG PTMA180402M_11 Datasheet HTML 7Page - Infineon Technologies AG PTMA180402M_11 Datasheet HTML 8Page - Infineon Technologies AG PTMA180402M_11 Datasheet HTML 9Page - Infineon Technologies AG PTMA180402M_11 Datasheet HTML 10Page - Infineon Technologies AG PTMA180402M_11 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Data Sheet
7 of 14
Rev. 08, 2011-08-10
PTMA180402M
Confidential, Limited Internal Distribution
0
10
20
30
40
50
60
26
27
28
29
30
31
32
30
32
34
36
38
40
42
44
46
48
Output Power (dBm)
CW Power Performance
V
DD =28 V, IDQ 1 =130 m A, IDQ 2 =360 m A,
ƒ = 1930, 1960, 1990 MHz
1930 MHz
1960 MHz
1990 MHz
Gain
Efficiency
26
27
28
29
30
31
32
30
32
34
36
38
40
42
44
46
Output Power (dBm)
CW Performance at
Selected Drain Voltage
V
DD = 24V, 28V, 32V
I
DQ1 =130 m A, IDQ2 = 360 m A, ƒ = 1960 M Hz
24 V
32 V
28 V
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
30
32
34
36
38
40
42
44
46
Average Output Power ( dBm )
Two-tone Drive-up
V
DD =28 V, IDQ 1 = 160 m A, IDQ 2 = 360 m A
ƒ = 1930, 1960, 1990 MHz
1930 MHz
1960 MHz
1990 MHz
Efficiency
IMD3
0
5
10
15
20
25
30
-65
-60
-55
-50
-45
-40
-35
29
31
33
35
37
39
41
Output Power (dBm)
CDMA IS-95 Drive-up, 3 Frequencies
V
DD =28 V, IDQ 1 =160, IDQ 2 =360 m A,
ƒ = 1930, 1960, 1990 MHz
1930 MHz
1960 MHz
1990 MHz
Efficiency
ACPR
Power Added
Efficiency
Power Added
Efficiency
Power Added
Efficiency
Typical Performance, circuit tuned for 1960 MHz (data taken in a production test fixture)


Similar Part No. - PTMA180402M_11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTMA180402M INFINEON-PTMA180402M Datasheet
352Kb / 14P
   Wideband RF LDMOS Integrated Power Amplifier 40 W, 1800 ??2100 MHz
Rev. 07.1, 2011-03-17
logo
Cree, Inc
PTMA180402M CREE-PTMA180402M Datasheet
1Mb / 15P
   Wideband RF LDMOS Integrated Power Amplifier 40 W, 28 V, 1800 ??2100 MHz
More results

Similar Description - PTMA180402M_11

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTMA180402M CREE-PTMA180402M Datasheet
1Mb / 15P
   Wideband RF LDMOS Integrated Power Amplifier 40 W, 28 V, 1800 ??2100 MHz
logo
Infineon Technologies A...
PTMA180402M INFINEON-PTMA180402M Datasheet
352Kb / 14P
   Wideband RF LDMOS Integrated Power Amplifier 40 W, 1800 ??2100 MHz
Rev. 07.1, 2011-03-17
logo
Cree, Inc
PTMA210152M CREE-PTMA210152M Datasheet
1Mb / 15P
   Wideband RF LDMOS Integrated Power Amplifier 15 W, 28 V, 1800 ??2200 MHz
logo
Infineon Technologies A...
PTMA180402EL INFINEON-PTMA180402EL Datasheet
443Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 40 W, 1800 ??2000 MHz
Rev. 08, 2009-08-31
PTMC210204MD INFINEON-PTMC210204MD Datasheet
219Kb / 10P
   Wideband LDMOS Two-stage Integrated Power Amplifi er 20 W, 28 V, 1805 ??2200 MHz
Rev. 03, 2016-06-14
PTMA210404FL INFINEON-PTMA210404FL_09 Datasheet
468Kb / 13P
   Dual Wideband RF LDMOS Power Amplifier 40 W, 1800 ??2200 MHz
Rev. 04, 2009-06-16
PTMA210152M INFINEON-PTMA210152M Datasheet
242Kb / 15P
   Wideband RF LDMOS Integrated Power Amplifier 15 W, 1800 ??2200 MHz
Rev. 04, 2010-04-16
logo
Cree, Inc
PTMA080152M CREE-PTMA080152M Datasheet
814Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 15 W, 28 V, 700 ??1000 MHz
PTMA080152 CREE-PTMA080152 Datasheet
814Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 15 W, 28 V, 700 ??1000 MHz
logo
Infineon Technologies A...
PTFC210202FC INFINEON-PTFC210202FC_16 Datasheet
655Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 28 W, 28 V, 1800 ??2200 MHz
Rev. 03.4, 2016-06-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com