Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB090901FA Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # PTFB090901FA
Description  Thermally-Enhanced High Power RF LDMOS FETs 90 W, 28 V, 920 . 960 MHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB090901FA Datasheet(HTML) 3 Page - Infineon Technologies AG

  PTFB090901FA Datasheet HTML 1Page - Infineon Technologies AG PTFB090901FA Datasheet HTML 2Page - Infineon Technologies AG PTFB090901FA Datasheet HTML 3Page - Infineon Technologies AG PTFB090901FA Datasheet HTML 4Page - Infineon Technologies AG PTFB090901FA Datasheet HTML 5Page - Infineon Technologies AG PTFB090901FA Datasheet HTML 6Page - Infineon Technologies AG PTFB090901FA Datasheet HTML 7Page - Infineon Technologies AG PTFB090901FA Datasheet HTML 8Page - Infineon Technologies AG PTFB090901FA Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Data Sheet
3 of 14
Rev. 04, 2012-02-23
PTFB090901EA
PTFB090901FA
Confidential, Limited Internal Distribution
Typical Performance (data taken in a production test fixture)
-35
-30
-25
-20
Two-carrier WCDMA Drive-up
V
DD = 28 V, IDQ = 650 mA,
3GPP WCDMA signal, PAR = 8 dB,
10 MHz carrier spacing, 3.84 MHz BW
960 MHz
940 MHz
920 MHz
IM3 Low
IM3 Up
-45
-40
31
33
35
37
39
41
43
45
47
Output Power, Avg. (dBm)
920 MHz
b090901 gr 2
20
30
40
50
60
35
-30
-25
-20
-15
Two-carrier WCDMA Drive-up
V
DD = 28 V, IDQ = 650 mA, ƒ = 960 MHz,
3GPP WCDMA signal, PAR = 8 dB,
10 MHz carrier spacing, BW = 3.84 MHz
IMD Low
IMD Up
Efficiency
0
10
20
-45
-40
-35
31
34
37
40
43
46
49
Output Power, Avg. (dBm)
b090901 gr 3
ACPR
30
40
50
60
-30
-20
-10
0
Single-carrier WCDMA Drive-up
V
DD = 28 V, IDQ = 650 mA, ƒ = 960 MHz,
3GPP WCDMA signal, TM1 w/64 DPCH,
43% clipping, PAR = 7.5 dB, 3.84 MHz BW
Efficiency
ACPR Low
ACPR Up
0
10
20
-60
-50
-40
32
35
38
41
44
47
50
Output Power, Avg. (dBm)
b090901 gr 4
30
40
50
60
-30
-20
-10
0
Single-carrier WCDMA Drive-up
V
DD = 28 V, IDQ = 650 mA, ƒ = 960 MHz,
3GPP WCDMA signal, TM1 w/64 DPCH,
100% clipping, PAR = 10 dB, 3.84 MHz BW
Efficiency
ACPU
0
10
20
-60
-50
-40
32
35
38
41
44
47
50
Output Power, Avg. (dBm)
ACPL
b090901 gr 5


Similar Part No. - PTFB090901FA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB090901FA INFINEON-PTFB090901FA Datasheet
1Mb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.2, 2016-06-09
PTFB090901FAV2R0 INFINEON-PTFB090901FAV2R0 Datasheet
1Mb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.2, 2016-06-09
PTFB090901FAV2R0XTMA1 INFINEON-PTFB090901FAV2R0XTMA1 Datasheet
1Mb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.2, 2016-06-09
PTFB090901FAV2R250 INFINEON-PTFB090901FAV2R250 Datasheet
1Mb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.2, 2016-06-09
PTFB090901FAV2R250XTMA1 INFINEON-PTFB090901FAV2R250XTMA1 Datasheet
1Mb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.2, 2016-06-09
More results

Similar Description - PTFB090901FA

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTFB090901EA CREE-PTFB090901EA Datasheet
710Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 90 W, 28 V, 920 ??960 MHz
logo
Infineon Technologies A...
PTFA092211EL INFINEON-PTFA092211EL Datasheet
424Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 220 W, 920 ??960 MHz
Rev. 02, 2009-05-27
PTFA092201E INFINEON-PTFA092201E Datasheet
379Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 220 W, 920 - 960 MHz
Rev. 03.1, 2009-02-20
PTFA091201GL INFINEON-PTFA091201GL_09 Datasheet
391Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 120 W, 920-960 MHz
Rev. 03, 2009-03-31
PTFA091201GL INFINEON-PTFA091201GL Datasheet
288Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 120 W, 920 ??960 MHz
Rev. 02, 2008-08-27
PTFA091201E INFINEON-PTFA091201E Datasheet
272Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 120 W, 920 ??960 MHz
Rev. 03, 2007-11-19
PTFA091203EL INFINEON-PTFA091203EL Datasheet
620Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 120 W, 920-960 MHz
Rev. 05, 2010-11-12
PTFA092213EL INFINEON-PTFA092213EL Datasheet
671Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 220 W, 920-960 MHz
Rev. 04, 2010-11-04
logo
Cree, Inc
PTFB091507FH CREE-PTFB091507FH Datasheet
618Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920 ??960 MHz
logo
Infineon Technologies A...
PTFB091802FC INFINEON-PTFB091802FC_16 Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 920 ??960 MHz
Rev. 02.1, 2016-06-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com