Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE3B0365J Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # ICE3B0365J
Description  Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in DIP-8 Product Highlights
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3B0365J Datasheet(HTML) 5 Page - Infineon Technologies AG

  ICE3B0365J_11 Datasheet HTML 1Page - Infineon Technologies AG ICE3B0365J_11 Datasheet HTML 2Page - Infineon Technologies AG ICE3B0365J_11 Datasheet HTML 3Page - Infineon Technologies AG ICE3B0365J_11 Datasheet HTML 4Page - Infineon Technologies AG ICE3B0365J_11 Datasheet HTML 5Page - Infineon Technologies AG ICE3B0365J_11 Datasheet HTML 6Page - Infineon Technologies AG ICE3B0365J_11 Datasheet HTML 7Page - Infineon Technologies AG ICE3B0365J_11 Datasheet HTML 8Page - Infineon Technologies AG ICE3B0365J_11 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Version 2.6
5
4 Jul 2011
CoolSET®-F3R
ICE3Bxx65J
1
Pin Configuration and Functionality
1.1
Pin Configuration with PG-DIP-8
Figure 1
Pin Configuration PG-DIP-8(top view)
Note:
Pin 4 and 5 are shorted within the DIP
package.
1.2
Pin Functionality
SoftS (Soft Start, Auto Restart & Frequency
Jittering Control)
The SoftS pin combines the function of Soft Start
during Start Up and error detection for Auto Restart
Mode. These functions are implemented and can be
adjusted by means of an external capacitor at SoftS to
ground. This capacitor also provides an adjustable
blanking window for high load jumps, before the IC
enters into Auto Restart Mode. Furthermore this pin is
also used to control the period of frequency jittering
during normal load.
FB (Feedback)
The information about the regulation is provided by the
FB Pin to the internal Protection Unit and to the internal
PWM-Comparator to control the duty cycle. The FB-
Signal controls in case of light load the Active Burst
Mode of the controller.
CS (Current Sense)
The Current Sense pin senses the voltage developed
on the series resistor inserted in the source of the
integrated CoolMOS
®. If CS reaches the internal
threshold of the Current Limit Comparator, the Driver
output is immediately switched off. Furthermore the
current
information
is
provided
for
the
PWM-
Comparator to realize the Current Mode.
Drain (Drain of integrated CoolMOS
®)
Pin Drain is the connection to the Drain of the internal
CoolMOS
TM.
VCC (Power supply)
The VCC pin is the positive supply of the IC. The
operating range is between 10.3V and 26V.
GND (Ground)
The GND pin is the ground of the controller.
Pin
Symbol
Function
1
SoftS
Soft-Start
2
FB
Feedback
3
CS
Current Sense/
650V
1) CoolMOS® Source
4
Drain
650V
1) CoolMOS® Drain
1)
at Tj = 110°C
5
Drain
650V
1) CoolMOS® Drain
6
N.C.
Not Connected
7
VCC
Controller Supply Voltage
8
GND
Controller Ground
Package PG-DIP-8
1
6
7
8
4
3
2
5
GND
SoftS
FB
CS
VCC
N.C
Drain
Drain


Similar Part No. - ICE3B0365J_11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3B0365J INFINEON-ICE3B0365J_13 Datasheet
938Kb / 28P
   Off-Line SMPS Cur rent Mode Controller with integrated 650V
Version 2.9, 25 Mar 2013
More results

Similar Description - ICE3B0365J_11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3B2065J INFINEON-ICE3B2065J Datasheet
913Kb / 28P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in DIP-8 Product Highlights
Version 2.7, 9 May 2012
ICE3BR1065J INFINEON-ICE3BR1065J_11 Datasheet
1Mb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in DIP-8
Version 2.0, 28 Dec 2011
ICE3BR1465JF INFINEON-ICE3BR1465JF Datasheet
2Mb / 36P
   Off-Line SMPS Current Mode Controllerwith integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in FullPak
Version 2.1, 7 May 2011
ICE3AR4780JZ INFINEON-ICE3AR4780JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controller with integrated 800V CoolMOS짰 and Startup cell (brownout & frequency jitter) in DIP-7
Version 2.1a, 11 Jan 2012
ICE3BR1065JF INFINEON-ICE3BR1065JF Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS and Startup cell (frequency jitter Mode) in FullPak
Version 2.0, 11 Sep 2008
ICE3BR2565JF INFINEON-ICE3BR2565JF Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS and Startup cell (frequency jitter Mode) in FullPak
Version 2.0, 11 Sep 2008
ICE3AR10080JZ INFINEON-ICE3AR10080JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controllerwith integrated 800V CoolMOS짰 and Startup cell (brownout & frequency jitter) in DIP-7
Version 2.2a, 11 Jan 2012
ICE2QR1765 INFINEON-ICE2QR1765 Datasheet
1Mb / 22P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS짰 and startup cell in DIP-8
Version 2.2, August 30, 2011
ICE3AS03LJG INFINEON-ICE3AS03LJG Datasheet
470Kb / 25P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell ( Latched and frequency jitter Mode )
Version 2.0, 3 Jul 2009
ICE3AR10080CJZ INFINEON-ICE3AR10080CJZ Datasheet
2Mb / 33P
   Off-Line SMPS Current Mode Controller with integrated 800V CoolMOS짰 and Startup cell (brownout & CCM) in DIP-7
Version 2.0, 11 Jan 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com