Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE3B0365J Datasheet(PDF) 27 Page - Infineon Technologies AG

Part # ICE3B0365J
Description  Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in DIP-8 Product Highlights
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3B0365J Datasheet(HTML) 27 Page - Infineon Technologies AG

Back Button ICE3B0365J_11 Datasheet HTML 20Page - Infineon Technologies AG ICE3B0365J_11 Datasheet HTML 21Page - Infineon Technologies AG ICE3B0365J_11 Datasheet HTML 22Page - Infineon Technologies AG ICE3B0365J_11 Datasheet HTML 23Page - Infineon Technologies AG ICE3B0365J_11 Datasheet HTML 24Page - Infineon Technologies AG ICE3B0365J_11 Datasheet HTML 25Page - Infineon Technologies AG ICE3B0365J_11 Datasheet HTML 26Page - Infineon Technologies AG ICE3B0365J_11 Datasheet HTML 27Page - Infineon Technologies AG ICE3B0365J_11 Datasheet HTML 28Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
CoolSET®-F3R
ICE3Bxx65J
Schematic for recommended PCB layout
Version 2.6
27
4 Jul 2011
b. Spark Gap 1 and Spark Gap 2, Live / Neutral to GROUND:
These 2 Spark Gaps can be used when the lightning surge requirement is >6KV.
230Vac input voltage application, the gap separation is around 5.5mm
115Vac input voltage application, the gap separation is around 3mm
2. Add Y-capacitor (C2 and C3) in the Live and Neutral to ground even though it is a 2-pin input
3. Add negative pulse clamping diode, D11 to the Current sense resistor, R12:
The negative pulse clamping diode can reduce the negative pulse going into the CS pin of the CoolSET and
reduce the abnormal behavior of the CoolSET. The diode can be a fast speed diode such as IN4148.
The principle behind is to drain the high surge voltage from Live/Neutral to Ground without passing through the
sensitive components such as the primary controller, IC11.


Similar Part No. - ICE3B0365J_11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3B0365J INFINEON-ICE3B0365J_13 Datasheet
938Kb / 28P
   Off-Line SMPS Cur rent Mode Controller with integrated 650V
Version 2.9, 25 Mar 2013
More results

Similar Description - ICE3B0365J_11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3B2065J INFINEON-ICE3B2065J Datasheet
913Kb / 28P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in DIP-8 Product Highlights
Version 2.7, 9 May 2012
ICE3BR1065J INFINEON-ICE3BR1065J_11 Datasheet
1Mb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in DIP-8
Version 2.0, 28 Dec 2011
ICE3BR1465JF INFINEON-ICE3BR1465JF Datasheet
2Mb / 36P
   Off-Line SMPS Current Mode Controllerwith integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in FullPak
Version 2.1, 7 May 2011
ICE3AR4780JZ INFINEON-ICE3AR4780JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controller with integrated 800V CoolMOS짰 and Startup cell (brownout & frequency jitter) in DIP-7
Version 2.1a, 11 Jan 2012
ICE3BR1065JF INFINEON-ICE3BR1065JF Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS and Startup cell (frequency jitter Mode) in FullPak
Version 2.0, 11 Sep 2008
ICE3BR2565JF INFINEON-ICE3BR2565JF Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS and Startup cell (frequency jitter Mode) in FullPak
Version 2.0, 11 Sep 2008
ICE3AR10080JZ INFINEON-ICE3AR10080JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controllerwith integrated 800V CoolMOS짰 and Startup cell (brownout & frequency jitter) in DIP-7
Version 2.2a, 11 Jan 2012
ICE2QR1765 INFINEON-ICE2QR1765 Datasheet
1Mb / 22P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS짰 and startup cell in DIP-8
Version 2.2, August 30, 2011
ICE3AS03LJG INFINEON-ICE3AS03LJG Datasheet
470Kb / 25P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell ( Latched and frequency jitter Mode )
Version 2.0, 3 Jul 2009
ICE3AR10080CJZ INFINEON-ICE3AR10080CJZ Datasheet
2Mb / 33P
   Off-Line SMPS Current Mode Controller with integrated 800V CoolMOS짰 and Startup cell (brownout & CCM) in DIP-7
Version 2.0, 11 Jan 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com