Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE2A0565G Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # ICE2A0565G
Description  Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2A0565G Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button ICE2A0565G Datasheet HTML 8Page - Infineon Technologies AG ICE2A0565G Datasheet HTML 9Page - Infineon Technologies AG ICE2A0565G Datasheet HTML 10Page - Infineon Technologies AG ICE2A0565G Datasheet HTML 11Page - Infineon Technologies AG ICE2A0565G Datasheet HTML 12Page - Infineon Technologies AG ICE2A0565G Datasheet HTML 13Page - Infineon Technologies AG ICE2A0565G Datasheet HTML 14Page - Infineon Technologies AG ICE2A0565G Datasheet HTML 15Page - Infineon Technologies AG ICE2A0565G Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
Version 2.8
12
30 Aug 2011
CoolSET™-F2
Functional Description
Figure 11 PWM Controlling
3.3
Soft-Start
Figure 12 Soft-Start Phase
The Soft-Start is realized by the internal pull-up resistor
RSoft-Start and the external Capacitor CSoft-Start (see
Figure 5). The Soft-Start voltage VSoftS is generated by
charging the external capacitor CSoft-Start by the internal
pull-up resistor RSoft-Start. The Soft-Start-Comparator
compares the voltage at pin SoftS at the negative input
with the ramp signal of the PWM-OP at the positive
input. When Soft-Start voltage VSoftS is less than
Feedback voltage VFB the Soft-Start-Comparator limits
the pulse width by resetting the PWM-Latch (see
Figure 12). In addition to Start-Up, Soft-Start is also
activated at each restart attempt during Auto Restart.
By means of the above mentioned CSoft-Start the Soft-
Start can be defined by the user. The Soft-Start is
finished when VSoftS exceeds 5.3V. At that time the
Protection Unit is activated by Comparator C4 and
senses the FB by Comparator C3 wether the voltage is
below 4.8V which means that the voltage on the
secondary side of the SMPS is settled. The internal
Zener Diode at SoftS has a clamp voltage of 5.6V to
prevent the internal circuit from saturation (see Figure
13).
Figure 13 Activation of Protection Unit
The Start-Up time TStart-Up within the converter output
voltage VOUT is settled must be shorter than the Soft-
Start Phase TSoft-Start (see Figure 14).
By means of Soft-Start there is an effective
minimization of current and voltage stresses on the
integrated CoolMOS™, the clamp circuit and the output
overshoot and prevents saturation of the transformer
during Start-Up.
x3.65
PWM OP
Improved
Current Mode
PWM Comparator
Isense
Soft-Start Comparator
6.5V
PWM-Latch
0.8V
FB
Optocoupler
R
FB
t
5.3V
V
SoftS
Gate Driver
t
T
Soft-Start
5.6V
6.5V
R
FB
6.5V
Power-Up Reset
C4
5.3V
C3
4.8V
R
Soft-Start
FB
R
S
Q
Q
Error-Latch
R
S
Q
Q
PWM-Latch
G2
Clock
Gate
Driver
5.6V
SoftS
CSoft Start
T
Soft
Start
RSoft Start
1.69
´
-------------------------------------
=


Similar Part No. - ICE2A0565G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2A0565G INFINEON-ICE2A0565G Datasheet
1Mb / 35P
   Off-Line SMPS Current Mode Controller with integrated 650V/ 800V CoolMOS
V2.6, 25 Dec 2006
ICE2A0565G INFINEON-ICE2A0565G Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS
V2.6, 25 Dec 2006
More results

Similar Description - ICE2A0565G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2A280ZHKLA1 INFINEON-ICE2A280ZHKLA1 Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
V2.6, 25 Dec 2006
ICE2A0565 INFINEON-ICE2A0565 Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS
V2.6, 25 Dec 2006
ICE2A165 INFINEON-ICE2A165 Datasheet
1Mb / 23P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
V3.0, September 2001
ICE2A0565 INFINEON-ICE2A0565 Datasheet
1Mb / 35P
   Off-Line SMPS Current Mode Controller with integrated 650V/ 800V CoolMOS
V2.6, 25 Dec 2006
ICE2A380P2 INFINEON-ICE2A380P2 Datasheet
451Kb / 20P
   Off-Line SMPS Current Mode Controller with integrated 800V CoolMOS?
2004-09-23 Version 0.0
ICE3A1065ELJ INFINEON-ICE3A1065ELJ Datasheet
537Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS
Ver 2.1, 12 May 2009
ICE3A2065ELJ INFINEON-ICE3A2065ELJ Datasheet
538Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS
Ver 2.1, 12 May 2009
ICE3A0365 INFINEON-ICE3A0365 Datasheet
1Mb / 30P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS
V1.3, 15 Sep 2004
ICE3AR2280JZ INFINEON-ICE3AR2280JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controller with integrated 800V
Version 2.1a, 11 Jan 2012
ICE3BR2280JZ INFINEON-ICE3BR2280JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controller with integrated 800V
Version 2.1a, 11 Jan 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com