Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5225 Datasheet(PDF) 1 Page - Sensitron

Part # 5225
Description  DESCRIPTION: A 1000 VOLT, 40 AMP, 200 NANOSECOND DOUBLER ASSEMBLY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

5225 Datasheet(HTML) 1 Page - Sensitron

  5225 Datasheet HTML 1Page - Sensitron 5225 Datasheet HTML 2Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
©2012 Sensitron Semiconductor 221 West Industry Court  Deer Park, NY 11729-4681
(631) 586-7600 FAX (631) 242-9798 www.sensitron.com sales@sensitron.com
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 5225, Rev. -
COMMON CATHODE ASSEMBLY
DESCRIPTION: A 1000 VOLT, 40 AMP, 200 NANOSECOND DOUBLER ASSEMBLY
MAX. RATINGS / ELECTRICAL CHARACTERISTICS
All ratings are at TA = 25
oC unless otherwise specified.
RATING
CONDITIONS
MIN
TYP
MAX
UNIT
Peak Inverse Voltage
(PIV)
-
-
-
1000
Vdc
Average DC Output
Current (TC = Case Temp)
(Io)
TC = 55
oC
TC = 100
oC
-
-
40
24
Amps
Peak Single Cycle Surge
Current
(IFSM)
tp = 8.3 ms Single
Half Cycle Sine
Wave,
Superimposed On
Rated Load
-
-
300
Amps(pk)
Peak Recurring Surge
Current
(IFRM)
TA = 25
oC
-
-
Amps
Operating and Storage
Temp.
(Top & Tstg)
-
-55
-
+150
C
Maximum Forward
Voltage Per Leg
(Vf)
If = 8.0Adc
(300 sec pulse,
duty cycle < 2%)
-
-
2.2
Volts
Maximum Instantaneous
Reverse Current At Rated
(PIV)
TA = 25 C
TA = 100 C
-
-
10
200
Amps
Reverse Recovery Time
(trr)
If = 0.5A, Ir = 1.0A, Irr
= 0.25A
Measured on
discrete rectifiers
prior to assembly.
-
-
200
nsec
Max. Thermal Resistance
(R JC)
-
-
-
2.0
C/W
S441IE


Similar Part No. - 5225

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
5225 AMPHENOL-5225 Datasheet
77Kb / 1P
   Straight, Plug to Plug or Plug to Jack
logo
Tyco Electronics
5225395-1 MACOM-5225395-1 Datasheet
960Kb / 34P
   BNC Connectors (50 ohm/75 ohm)
logo
TE Connectivity Ltd
5225395-1 TEC-5225395-1 Datasheet
988Kb / 34P
   RF Coax Connectors
logo
Tyco Electronics
5225395-2 MACOM-5225395-2 Datasheet
960Kb / 34P
   BNC Connectors (50 ohm/75 ohm)
logo
TE Connectivity Ltd
5225395-2 TEC-5225395-2 Datasheet
988Kb / 34P
   RF Coax Connectors
More results

Similar Description - 5225

ManufacturerPart #DatasheetDescription
logo
Sensitron
1N5550 SENSITRON-1N5550 Datasheet
144Kb / 3P
   HIGH CURRENT AXIAL LEAD RECTIFIERS : 200-1000 VOLT, 3.0 AMP, 2000 NANOSECOND RECTIFIER
logo
New Jersey Semi-Conduct...
1N6628 NJSEMI-1N6628 Datasheet
98Kb / 1P
   A 600 VOLT, 2 AMP, 30 NANOSECOND RECTIFIER
logo
TRANSYS Electronics Lim...
SB040P200-W-AG TEL-SB040P200-W-AG Datasheet
155Kb / 1P
   Schottky Barrier Diode Wafer 40 Mils, 200 Volt, 1 Amp
logo
Sensitron
SHSMG1010 SENSITRON-SHSMG1010 Datasheet
57Kb / 3P
   1000 VOLT 50 AMP IGBT DEVICE
SHD724402 SENSITRON-SHD724402 Datasheet
49Kb / 3P
   600 VOLT 40 AMP IGBT DEVICCE
SHD724401 SENSITRON-SHD724401 Datasheet
66Kb / 2P
   600 VOLT 40 AMP IGBT DEVICE
logo
Central Semiconductor C...
CPD24-CMR1F-10M CENTRAL-CPD24-CMR1F-10M Datasheet
955Kb / 4P
   Fast Rectifier Die 1.0 Amp, 1000 Volt
R1 26-March 2019
CPD24-1N4942 CENTRAL-CPD24-1N4942 Datasheet
955Kb / 4P
   Fast Rectifier Die 1.0 Amp, 200 Volt
R1 26-March 2019
logo
Electronic devices inc.
RC05 EDI-RC05 Datasheet
40Kb / 2P
   FAST RECOVERY 200 NANOSECOND SILICON RECTIFIER
logo
Central Semiconductor C...
CPD24-1N5615 CENTRAL-CPD24-1N5615 Datasheet
956Kb / 4P
   Fast Rectifier Die 1.0 Amp, 200 Volt
R1 26-March 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com