Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE2PCS01G Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # ICE2PCS01G
Description  Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode(CCM)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2PCS01G Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button ICE2PCS01G Datasheet HTML 4Page - Infineon Technologies AG ICE2PCS01G Datasheet HTML 5Page - Infineon Technologies AG ICE2PCS01G Datasheet HTML 6Page - Infineon Technologies AG ICE2PCS01G Datasheet HTML 7Page - Infineon Technologies AG ICE2PCS01G Datasheet HTML 8Page - Infineon Technologies AG ICE2PCS01G Datasheet HTML 9Page - Infineon Technologies AG ICE2PCS01G Datasheet HTML 10Page - Infineon Technologies AG ICE2PCS01G Datasheet HTML 11Page - Infineon Technologies AG ICE2PCS01G Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
CCM-PFC
ICE2PCS01/G
Functional Description
Version 2.3
8
22 March 2010
Figure 5
Startup with controlled maximum current
3.4
System Protection
The IC provides several protection features in order to
ensure the PFC system in safe operating range.
Depending on the input line voltage (V
IN) and output
bus voltage (V
OUT), Figure 7 and 8 show the conditions
when these protections are active.
Figure 6
V
IN Related Protection Features
Figure 7
V
OUT Related Protection Features
The following sections describe the functionality of
these protection features.
3.4.1
Soft Over Current Control (SOC)
The IC is designed not to support any output power
that corresponds to a voltage lower than -0.75V at the
ISENSE pin. A further increase in the inductor current,
which results in a lower ISENSE voltage, will activate
the Soft Over Current Control (SOC). This is a soft
control as it does not directly switch off the gate drive.
It acts on the nonlinear gain block to result in a reduced
PWM duty cycle.
av(I
IN)
V
OUT
t
V
OUT =rated
95%rated
Window Detect
Normal Control
t
Max Vcomp current
83%rated
VCOMP
Level-shifted VCOMP
t
V
IN (VAC)
VCC > V
CCUVLO
Normal
Operation
IC OFF
VCC<V
CCUVLO
IC’s
State
t
V
OUT
PCL / SOC
20%
100%
OLP
OLP
108%
OVP
V
OUT,Rated


Similar Part No. - ICE2PCS01G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2PCS01G INFINEON-ICE2PCS01G Datasheet
539Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.2, 09 Oct 2007
More results

Similar Description - ICE2PCS01G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2PCS01 INFINEON-ICE2PCS01 Datasheet
539Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.2, 09 Oct 2007
ICE2PCS02 INFINEON-ICE2PCS02 Datasheet
513Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
2007-10-09 V2.2
ICE3PCS01G INFINEON-ICE3PCS01G Datasheet
537Kb / 24P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE1PCS01 INFINEON-ICE1PCS01_07 Datasheet
458Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.3, 06 Feb 2007
ICE2PCS05 INFINEON-ICE2PCS05 Datasheet
541Kb / 22P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 1.0, 09 Oct 2008
ICE1PCS01 INFINEON-ICE1PCS01 Datasheet
849Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V 1.1, 28 May 2003
ICE1PCS02 INFINEON-ICE1PCS02_07 Datasheet
446Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.2, 06 Feb 2007
ICE2PCS03 INFINEON-ICE2PCS03 Datasheet
507Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 10 Oct 2007
ICE3PCS02G INFINEON-ICE3PCS02G Datasheet
457Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE3PCS03G INFINEON-ICE3PCS03G Datasheet
461Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com