Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C67078-A3205-A2 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # C67078-A3205-A2
Description  SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C67078-A3205-A2 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  C67078-A3205-A2 Datasheet HTML 1Page - Siemens Semiconductor Group C67078-A3205-A2 Datasheet HTML 2Page - Siemens Semiconductor Group C67078-A3205-A2 Datasheet HTML 3Page - Siemens Semiconductor Group C67078-A3205-A2 Datasheet HTML 4Page - Siemens Semiconductor Group C67078-A3205-A2 Datasheet HTML 5Page - Siemens Semiconductor Group C67078-A3205-A2 Datasheet HTML 6Page - Siemens Semiconductor Group C67078-A3205-A2 Datasheet HTML 7Page - Siemens Semiconductor Group C67078-A3205-A2 Datasheet HTML 8Page - Siemens Semiconductor Group C67078-A3205-A2 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Semiconductor Group
1
07/96
BUZ 380
SIPMOS ® Power Transistor
• N channel
• Enhancement mode
• FREDFET
Pin 1
Pin 2
Pin 3
G
D
S
Type
VDS
ID
RDS(on)
Package
Ordering Code
BUZ 380
1000 V
5.5 A
2
TO-218 AA
C67078-A3205-A2
Maximum Ratings
Parameter
Symbol
Values
Unit
Drain source voltage
VDS
1000
V
Drain-gate voltage
RGS = 20 kΩ
V
DGR
1000
Continuous drain current
TC = 30 °C
ID
5.5
A
Pulsed drain current
TC = 25 °C
IDpuls
22
Gate source voltage
VGS
± 20
V
Power dissipation
TC
Ptot
≤ 125
W
Operating temperature
Tj
-55 ... + 150
°C
Storage temperature
Tstg
-55 ... + 150
Thermal resistance, chip case
RthJC
≤ 1
K/W
Thermal resistance, chip to ambient
RthJA
DIN humidity category, DIN 40 040
E
IEC climatic category, DIN IEC 68-1
55 / 150 / 56


Similar Part No. - C67078-A3205-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C67078-A3200-A2 SIEMENS-C67078-A3200-A2 Datasheet
179Kb / 6P
   main ratings
C67078-A3204-A2 SIEMENS-C67078-A3204-A2 Datasheet
176Kb / 6P
   main ratings
C67078-A3206-A2 SIEMENS-C67078-A3206-A2 Datasheet
178Kb / 6P
   main ratings
C67078-A3207-A2 SIEMENS-C67078-A3207-A2 Datasheet
160Kb / 9P
   SIPMOS Power Transistor(400 V 12.5A 0.4 Ohm TO-218AA)
C67078-A3209-A2 SIEMENS-C67078-A3209-A2 Datasheet
157Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
More results

Similar Description - C67078-A3205-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ205 SIEMENS-BUZ205 Datasheet
338Kb / 6P
   SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
BUZ385 SIEMENS-BUZ385 Datasheet
155Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
BUZ215 SIEMENS-BUZ215 Datasheet
120Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
BUZ384 SIEMENS-BUZ384 Datasheet
157Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
BUZ50B SIEMENS-BUZ50B Datasheet
199Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ80A SIEMENS-BUZ80A Datasheet
176Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ310 SIEMENS-BUZ310 Datasheet
240Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ50C SIEMENS-BUZ50C Datasheet
203Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ50A SIEMENS-BUZ50A Datasheet
207Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ311 SIEMENS-BUZ311 Datasheet
240Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com