Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH60D28ANP-4R7N Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH60D28ANP-4R7N
Description  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH60D28ANP-4R7N Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH60D28ANP-4R7N Datasheet HTML 1Page - Sumida Corporation CDRH60D28ANP-4R7N Datasheet HTML 2Page - Sumida Corporation CDRH60D28ANP-4R7N Datasheet HTML 3Page - Sumida Corporation CDRH60D28ANP-4R7N Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 8-Mar-12
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH60D28/A
Electrical Characteristics
※1. Inductance measuring condition: at 100 kHz.
※2. Rated current: The DC current at which the inductance decreases to 65% of its nominal value or when
△t=30℃, whichever is lower .
0.18
5450(4360)
470
μH±30%
N
CDRH60D28/ANP-471N
0.21
3680(2940)
330
μH±30%
M
CDRH60D28/ANP-331N
0.26
2250(1800)
220
μH±30%
L
CDRH60D28/ANP-221N
0.32
1790(1430)
150
μH±30%
K
CDRH60D28/ANP-151N
0.38
1250(997)
100
μH±30%
J
CDRH60D28/ANP-101N
0.45
760(608)
68
μH±30%
H
CDRH60D28/ANP-680N
0.54
598(478)
47
μH±30%
G
CDRH60D28/ANP-470N
0.65
384(307)
33
μH±30%
F
CDRH60D28/ANP-330N
0.80
234(187)
22
μH±30%
E
CDRH60D28/ANP-220N
0.95
155(124)
15
μH±30%
D
CDRH60D28/ANP-150N
1.24
103(82)
10
μH±30%
C
CDRH60D28/ANP-100N
1.37
75(60)
6.8
μH±30%
B
CDRH60D28/ANP-6R8N
1.70
64(51)
4.7
μH±30%
A
CDRH60D28ANP-4R7N
Rated Current
(A)
※2
(at 125
℃)
D.C.R. (m
Ω)
Max. (Typ.)
(at 20
℃)
Inductance
(
μH) ※1
[ within ]
Stamp
Part No.


Similar Part No. - CDRH60D28ANP-4R7N

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH60D28ANP-4R7NC SUMIDA-CDRH60D28ANP-4R7NC Datasheet
161Kb / 2P
   Power Inductor
More results

Similar Description - CDRH60D28ANP-4R7N

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com