Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH80D38DMNNP-220MC Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDRH80D38DMNNP-220MC
Description  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH80D38DMNNP-220MC Datasheet(HTML) 1 Page - Sumida Corporation

  CDRH80D38DMNNP-220MC Datasheet HTML 1Page - Sumida Corporation CDRH80D38DMNNP-220MC Datasheet HTML 2Page - Sumida Corporation CDRH80D38DMNNP-220MC Datasheet HTML 3Page - Sumida Corporation CDRH80D38DMNNP-220MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1 of 4
Revised: 5-Jan-12
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH80D38DMN
Description
• Ferrite drum core construction.
• Magnetically shielded.
• L
×W×H:8.3×8.3×4.0 mm Max.
• Product weight: 1.0g(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
• Halogen Free available.
Environmental Data
• Operating temperature range: -40
℃~+105℃
(including coil’s self temperature rise)
• Storage temperature range: -40
℃~+105℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging
Applications
• Ideally used in Notebook PC.
Halogen
Free
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
(1.0
μ~6.8μH )
(10
μ~220μH )
8.
5
8.0
4.6
2
1
2
1
Max .4.0(T yp.3. 8)
8.
0
±
0.
3
8.0 ±0.3
7.
1
1.4
7.6
1.4
4.8
Max .4.0(T yp.3. 8)
8.
0
±
0.
3
8.0 ±0.3
7.
1
1.4
7.6
1.4
4.8


Similar Part No. - CDRH80D38DMNNP-220MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH80D38D SUMIDA-CDRH80D38D Datasheet
159Kb / 4P
   SMD Power Inductor
CDRH80D38DNP-100MC SUMIDA-CDRH80D38DNP-100MC Datasheet
159Kb / 4P
   SMD Power Inductor
CDRH80D38DNP-101MC SUMIDA-CDRH80D38DNP-101MC Datasheet
159Kb / 4P
   SMD Power Inductor
CDRH80D38DNP-150MC SUMIDA-CDRH80D38DNP-150MC Datasheet
159Kb / 4P
   SMD Power Inductor
CDRH80D38DNP-151MC SUMIDA-CDRH80D38DNP-151MC Datasheet
159Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDRH80D38DMNNP-220MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com