Electronic Components Datasheet Search |
|
CDMPIH10D48T125NP-4R3PC Datasheet(PDF) 1 Page - Sumida Corporation |
|
CDMPIH10D48T125NP-4R3PC Datasheet(HTML) 1 Page - Sumida Corporation |
1 / 3 page Page 1 of 3 Revised: 29-Feb-12 SMD SMD SMD SMD Power Inductor Power Inductor Power Inductor Power Inductor CDMPIH10D48/T125 Description • Ferrite core construction. • Magnetically shielded. • Lower flux leakage • L ×W×H:10.3×10.3 ×5.0mm Max. • Product weight: 2.02g(Ref.) • Moisture Sensitivity Level: 1 • RoHS compliance. • Halogen Free available. • Qualified to AEC-Q200. Environmental Data • Operating temperature range: -40 ℃~+125℃ (including coil’s self temperature rise) • Storage temperature range: -40 ℃~+125℃ • Solder reflow temperature: 260 ℃ peak. Packaging • Carrier tape and reel packaging • 13.0”diameter reel • 500pcs per reel Applications • Ideally used in Car navigation, Automobile’s MPV equipment and D-Amp. etc. Halogen Free RoHS Dimension - [mm] Land pattern and Schematics - [mm] 10.0±0.3 Max.5.0 3.1 1. 6 7. 2 10 .0 ± 0. 3 2. 2 3.6 6. 8 2. 2 4.3 μH~33μH 47 μH~100μH 1 2 S 1 2 S WINDING DIRECTION WINDING DIRECTION Electrical Characteristics ※1. Measuring condition: at 100kHz. ※2. Saturation current: The value of D.C. current when the inductance decreases to 65% of it’s nominal value. ※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃). 1.25 1.20 1.55 275(220) 100 ±20% 101 CDMPIH10D48T125NP-101MC 1.40 1.40 1.85 214(172) 68 ±20% 680 CDMPIH10D48T125NP-680MC 1.70 1.75 2.25 139(112) 47 ±20% 470 CDMPIH10D48T125NP-470MC 2.2 2.1 2.7 103(83.0) 33 ±20% 330 CDMPIH10D48T125NP-330MC 2.8 2.6 3.3 64.0(52.0) 22 ±20% 220 CDMPIH10D48T125NP-220MC 4.0 3.6 4.7 36.0(29.0) 11 ±20% 110 CDMPIH10D48T125NP-110MC 4.4 4.4 5.6 27.5(22.0) 7.5 ±25% 7R5 CDMPIH10D48T125NP-7R5PC 4.8 5.0 6.5 24.0(19.0) 5.6 ±25% 5R6 CDMPIH10D48T125NP-5R6PC 5.5 5.7 7.4 18.5(15.0) 4.3 ±25% 4R3 CDMPIH10D48T125NP-4R3PC (at125 ℃) (at20 ℃) Temperature rise current ( A) ※3 The saturation current (A)※2 D.C.R. (m Ω) [Max.] (Typ.) (at 20 ℃) Inductance ( μH ) [Within]※1 Stamp Part name |
Similar Part No. - CDMPIH10D48T125NP-4R3PC |
|
Similar Description - CDMPIH10D48T125NP-4R3PC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |