Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IAF12020A007V-006-R Datasheet(PDF) 1 Page - TDK Electronics

Part # IAF12020A007V-006-R
Description  iAF Series ??Non-isolated SMT Power Module
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

IAF12020A007V-006-R Datasheet(HTML) 1 Page - TDK Electronics

  IAF12020A007V-006-R Datasheet HTML 1Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 2Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 3Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 4Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 5Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 6Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 7Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 8Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Advance Data Sheet: iAF Series – Non-isolated SMT Power Module
©2011 TDK Innoveta Inc.
iAF12_Full_Datasheet_08152011.doc 8/16/2011
(877) 498-0099
1/18
iAF Series DC/DC Power Modules
4.5-14V Input, 20A Output
Surface Mount Power Module
iAF power modules perform local voltage conversion from any bus
voltage in the 5V to 12V range.
The iAF12020A007V utilizes a
low component count that results in both a low cost structure and
a high level of performance. The open-frame, compact, surface
mountable design features a low profile and weight as well as
additional edge plated pads that allow for extremely flexible and
robust manufacturing processes.
Features
Size – 33mm x 13.46 mm x 7.75 mm
(1.3 in. x 0.53 in. x 0.305 in.)
DOSA Compatible Footprint
Edge plated castellations for forming
inspectable solder joints
Surface mountable
Maximum weight 5.5g (0.194 oz)
Up to 110W of output power in high
ambient temperature, low airflow
environments with no power derating
Positive logic on/off
Flexible Output Voltage Sequencing
Starts with pre-biased output
Output voltage adjustment – industry
standard
Outstanding transient response
without the need for external loop
tuning components
Constant switching frequency
Remote Sense
Power Good
Full, auto-recovery protection:
o
Input under voltage
o
Short circuit
o
Thermal limit
ISO Certified manufacturing facilities
Patent pending
Optional Features
Negative logic on/off
No output voltage sequencing
Solder bumping for enhanced
solderability on the EPC footprint


Similar Part No. - IAF12020A007V-006-R

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
iAF12020A007V-003-R TDK-iAF12020A007V-003-R Datasheet
292Kb / 2P
   20A Non-isolated SMT Point Of Load
IAF12020A007V-007-R TDK-IAF12020A007V-007-R Datasheet
191Kb / 2P
   DC-DC Converters
More results

Similar Description - IAF12020A007V-006-R

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MX10A-3-5SA BOURNS-MX10A-3-5SA Datasheet
312Kb / 2P
   SMT Non-Isolated Power Module
MX3A-12SA BOURNS-MX3A-12SA Datasheet
301Kb / 2P
   SMT Non-Isolated Power Module
logo
TDK Electronics
IBF12012A007V TDK-IBF12012A007V Datasheet
969Kb / 17P
   IBF Series ??Non-isolated SMT Power Module
ICF12005A007V TDK-ICF12005A007V Datasheet
972Kb / 16P
   ICF Series ??Non-isolated SMT Power Module
ICG12006A007V TDK-ICG12006A007V Datasheet
1Mb / 16P
   ICG Series ??Non-isolated SMT Power Module
logo
List of Unclassifed Man...
MX5A-12SA ETC1-MX5A-12SA Datasheet
175Kb / 2P
   MX5A-12SA SMT Non-Isolated Power Module
logo
Recom International Pow...
ROF-78E3.3-0.5SMD RECOM-ROF-78E3.3-0.5SMD Datasheet
115Kb / 4P
   Non Isolated Power Module
ROF-78E3.3-0.5SMD-R RECOM-ROF-78E3.3-0.5SMD-R Datasheet
103Kb / 4P
   Non Isolated Power Module
logo
Bourns Electronic Solut...
MXT6A-12SA BOURNS-MXT6A-12SA Datasheet
288Kb / 2P
   Non-Isolated Power Module
SXT10A-3-5SA BOURNS-SXT10A-3-5SA Datasheet
1Mb / 13P
   SIP Non-Isolated Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com