Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A-301-1K7_0810 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # A-301-1K7_0810
Description  1500W MODIFIED SINE WAVE DC-AC POWER INVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

A-301-1K7_0810 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  A-301-1K7_0810 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. A-301-1K7_0810 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
A301-1K7-B2
A302-1K7-B2
110V
60Hz 1%
TYPE-2*3ea
A301-1K7-F3
230V
50Hz 1%
TYPE-3*2ea
A302-1K7-F3
230V
50Hz 1%
TYPE-3*2ea
ORDERNO.
SAFETY MODEL NO.
ACVOLTAGE
RATEDPOWER
SURGEPOWER
WAVEFORM
OUTPUT
FREQUENCY
ACREGULATION
STANDARDRECEPTACLES
NOLOADCURRENTDRAW
DCVOLTAGE
VOLTAGERANGE
EFFICIENCY (Typ.)
DCCONNECTOR
DCCURRENT
INPUT
ENVIRONMENT
FUSE
SAFETY &
EMC
BAT.LOW ALARM
BAT.LOWSHUTDOWN
OVERLOAD
OVERVOLTAGE
OVERTEMPERATURE
OUTPUTSHORT
BAT.POLARITY
OTHERS
PROTECTION
110V
A-1700W
1500W
3000W
ModifiedSineWave
60Hz 1%
85A
0.36A
24V
21~30VDC
85%
20A*10
21 0.8V
20 0.8V
29~31V
10%
TYPE-2*3ea
0.6A
12V
10~15VDC
82%
170A
30A*10
10 0.5V
9.5 0.5V
>1700Wshutdowno/pvoltage, re-powerontorecover
15~16V
60 5
/140 9 F
o
Shut-off
Byfuseopen
FileName: A-301/302-1K7-SPEC 2007-05-14
ISOLATIONRESISTANCE
I/P-O/P:100MOhms/500VDC /25
/70%RH
MTBF
86852Khrsmin.MIL-HDBK-217F (25
)
DIMENSION
455*210*85mm(L*W*H)
COOLING
>40
(NTC)fanon
PACKING
5.5kg;3pcs/19.6kg/CARTON
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
0~30
@100%load,40
@70%load
20%~90%RHnon-condensing
-30~+70
/-22~+158 F,10~95%RH
o
0.05%/
(0~50
)
1000mmRtypeterminal
1000mmRtypeterminal
EMSIMMUNITY
CompliancetoEN61000-4-2,3
LVD
CompliancetoEN60950
TYPE-1
JAPAN
TYPE-2
USA
TYPE-3
EUROPE
TYPE-4
UNIVERSAL
TYPE-5
AUSTRALIA
TYPE-6
U.K
ACOutputReceptacles(optional)
CompliancetoEN55022classB,72/245/CEE,95/54/CE
APPLICATIONS
Homeappliance,Powertools,OfficeandPortableequipmentandVehicle...etc.
LEDINDICATOR
GreenLEDforpoweron;RedLEDforpowerfailurestatus
A-301/302-1K7 series
1500WModifiedSineWaveDC-ACPowerInverter
Cooling fan ON-OFF control
12V or 24V DC input
Power ON-OFF switch
Input voltage range: -15% ~ +25%
Output voltage regulation: 10%
Protections: Bat. Low alarm/Bat. Low shutdown/Over voltage/
Over temp./Output short/Input polarity reverse/Over load.
Output waveform: Modified sine wave
ON/OFF remote control(Optional)
Approvals: e13/ CE
1 year warranty
Features :
EMICONDUCTION&RADIATION
PEAKPOWER
1700W30min.
10%
Germany
EMC
tested
E S
Germany
LVD
tested
E S


Similar Part No. - A-301-1K7_0810

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
A-301-1K7 MEANWELL-A-301-1K7 Datasheet
259Kb / 2P
   1500W Modified Sine Wave DC-AC Power Inverter
More results

Similar Description - A-301-1K7_0810

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
A-301-1K7 MEANWELL-A-301-1K7 Datasheet
259Kb / 2P
   1500W Modified Sine Wave DC-AC Power Inverter
TS-1500 MEANWELL-TS-1500_11 Datasheet
328Kb / 2P
   1500W True Sine Wave DC-AC Power Inverter
TS-1500 MEANWELL-TS-1500 Datasheet
305Kb / 2P
   1500W True Sine Wave DC-AC Power Inverter
TS-1500 MEANWELL-TS-1500_12 Datasheet
328Kb / 2P
   1500W True Sine Wave DC-AC Power Inverter
A-302-2K5_0810 MEANWELL-A-302-2K5_0810 Datasheet
380Kb / 2P
   2500W MODIFIED SINE WAVE DC - AC POWER INVERTER
A-301-1K0 MEANWELL-A-301-1K0 Datasheet
307Kb / 2P
   1000W Modified Sine Wave DC-AC Power Inverter
A-301-1K0_0810 MEANWELL-A-301-1K0_0810 Datasheet
309Kb / 2P
   1000W MODIFIED SINE WAVE DC-AC POWER INVERTER
A300-600 MEANWELL-A300-600 Datasheet
81Kb / 2P
   600W Modified Sine Wave DC-AC Power Inverter
A-301-2K5 MEANWELL-A-301-2K5 Datasheet
379Kb / 2P
   2500W Modified Sine Wave DC-AC Power Inverter
A-301-150 MEANWELL-A-301-150 Datasheet
251Kb / 4P
   150W Modified Sine Wave DC-AC Power Inverter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com