Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1AFS600 Datasheet(PDF) 100 Page - Microsemi Corporation

Part # P1AFS600
Description  Fusion Family of Mixed Signal FPGAs
Download  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P1AFS600 Datasheet(HTML) 100 Page - Microsemi Corporation

Back Button P1AFS600 Datasheet HTML 96Page - Microsemi Corporation P1AFS600 Datasheet HTML 97Page - Microsemi Corporation P1AFS600 Datasheet HTML 98Page - Microsemi Corporation P1AFS600 Datasheet HTML 99Page - Microsemi Corporation P1AFS600 Datasheet HTML 100Page - Microsemi Corporation P1AFS600 Datasheet HTML 101Page - Microsemi Corporation P1AFS600 Datasheet HTML 102Page - Microsemi Corporation P1AFS600 Datasheet HTML 103Page - Microsemi Corporation P1AFS600 Datasheet HTML 104Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 334 page
background image
Device Architecture
2- 84
R e visio n 2
Voltage Monitor
The Fusion Analog Quad offers a robust set of voltage-monitoring capabilities unique in the FPGA
industry. The Analog Quad comprises three analog input pads— Analog Voltage (AV), Analog Current
(AC), and Analog Temperature (AT)—and a single gate driver output pad, Analog Gate (AG). There are
many common characteristics among the analog input pads. Each analog input can be configured to
connect directly to the input MUX of the ADC. When configured in this manner (Figure 2-64), there will be
no prescaling of the input signal. Care must be taken in this mode not to drive the ADC into saturation by
applying an input voltage greater than the reference voltage. The internal reference voltage of the ADC is
2.56 V. Optionally, an external reference can be supplied by the user. The external reference can be a
maximum of 3.3 V DC.
Figure 2-64 • Analog Quad Direct Connect
Prescaler
Prescaler
Prescaler
Analog Quad
AV
AC
AT
Voltage
Monitor Block
Current
Monitor Block
AG
Digital
Input
Power
MOSFET
Gate Driver
Current
Monitor / Instr
Amplifier
Temperature
Monitor
Digital
Input
Digital
Input
Pads
To Analog MUX
To Analog MUX
To Analog MUX
To FPGA
(DAVOUTx)
To FPGA
(DACOUTx)
To FPGA
(DATOUTx)
On-Chip
Gate
Driver
Temperature
Monitor Block
Off-Chip
From FPGA
(GDONx)


Similar Part No. - P1AFS600

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
P1AFS600-1FG256 MICROSEMI-P1AFS600-1FG256 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
P1AFS600-1FG256ES MICROSEMI-P1AFS600-1FG256ES Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
P1AFS600-1FG256I MICROSEMI-P1AFS600-1FG256I Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
P1AFS600-1FG256PP MICROSEMI-P1AFS600-1FG256PP Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
P1AFS600-1FG256Y MICROSEMI-P1AFS600-1FG256Y Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
More results

Similar Description - P1AFS600

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
M1AFS600-PQ208 MICROSEMI-M1AFS600-PQ208 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS600-FGG484 MICROSEMI-AFS600-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS1500-FGG484 MICROSEMI-AFS1500-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
logo
Actel Corporation
M7AFS600-1FGG256I ACTEL-M7AFS600-1FGG256I Datasheet
10Mb / 318P
   Actel Fusion Mixed-Signal FPGAs
U1AFS600-FGG256I ACTEL-U1AFS600-FGG256I Datasheet
8Mb / 17P
   Actel Fusion Mixed-Signal FPGA
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com