Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAZ13V Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # SMAZ13V
Description  ZENER DIODE SILICON PLANAR DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

SMAZ13V Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  SMAZ13V Datasheet HTML 1Page - KEC(Korea Electronics) SMAZ13V Datasheet HTML 2Page - KEC(Korea Electronics) SMAZ13V Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2005. 8. 16
3/3
SMAZ3.6V~SMAZ36V
Revision No : 0
0
0
Pd - Ta
IZ - VZ
ZENER VOLTAGE VZ (V)
1
µ
10
µ
100
µ
1m
10m
100m
0
5
10
15
25
50
25
30
20
40
35
87.5
200
100
150
200
400
600
800
1200
1000
AMBIENT TEMPERATURE Ta ( C)
Ceramic substrate
82X30X1.0(mm)
Glass epoxy substrate 32X30X1.6(mm)
Individual part
(not mounted)


Similar Part No. - SMAZ13V

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SMAZ13 SUNMATE-SMAZ13 Datasheet
396Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
logo
SeCoS Halbleitertechnol...
SMAZ1300 SECOS-SMAZ1300 Datasheet
332Kb / 3P
   1.0 Watts Surface Mount Zener Diode
More results

Similar Description - SMAZ13V

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
2.2HC SEMTECH-2.2HC Datasheet
239Kb / 4P
   SILICON PLANAR ZENER DIODE
logo
Rectron Semiconductor
BZM55C-BS RECTRON-BZM55C-BS Datasheet
155Kb / 5P
   SILICON PLANAR ZENER DIODE
BZX55C2V0 RECTRON-BZX55C2V0 Datasheet
196Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
Semtech Corporation
2.0HS SEMTECH-2.0HS Datasheet
280Kb / 4P
   SILICON PLANAR ZENER DIODE
logo
Rectron Semiconductor
1N4728A RECTRON-1N4728A_12 Datasheet
178Kb / 5P
   SILICON PLANAR ZENER DIODE
1N4448 RECTRON-1N4448_12 Datasheet
222Kb / 5P
   SILICON PLANAR ZENER DIODE
BZX55C-BS RECTRON-BZX55C-BS Datasheet
278Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
Diodes Incorporated
ZPD1 DIODES-ZPD1 Datasheet
63Kb / 3P
   SILICON PLANAR ZENER DIODE
DS21402 Rev. E-3
logo
Rectron Semiconductor
BZV55C-BS RECTRON-BZV55C-BS Datasheet
196Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
KEC(Korea Electronics)
Z02W2.0V KEC-Z02W2.0V Datasheet
92Kb / 5P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com