Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAZ9.1V Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # SMAZ9.1V
Description  ZENER DIODE SILICON PLANAR DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

SMAZ9.1V Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  SMAZ9.1V Datasheet HTML 1Page - KEC(Korea Electronics) SMAZ9.1V Datasheet HTML 2Page - KEC(Korea Electronics) SMAZ9.1V Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2005. 8. 16
2/3
SMAZ3.6V~SMAZ36V
Revision No : 0
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
TYPE No.
Zener Voltage Vz (V)
Dynamic Impedance
Zz (
Ω)
Reverse Current
IR (μA)
Min.
Max.
Iz
(mA)
Max.
IZ(mA)
Max.
VR(V)
SMAZ3.6V
3.6
4.0
40
15
40
20
1.0
SMAZ3.9V
3.9
4.4
40
15
40
20
1.0
SMAZ4.3V
4.3
4.8
40
15
40
20
1.0
SMAZ4.7V
4.7
5.2
40
10
40
20
1.0
SMAZ5.1V
5.1
5.7
40
8
40
20
1.0
SMAZ5.6V
5.6
6.3
40
8
40
20
1.5
SMAZ6.2V
6.2
7.0
40
6
40
20
3.0
SMAZ6.8V
6.8
7.7
40
6
40
20
3.5
SMAZ7.5V
7.5
8.4
40
4
40
20
4.0
SMAZ8.2V
8.2
9.3
40
4
40
20
5.0
SMAZ9.1V
9.1
10.2
40
6
40
20
6.0
SMAZ10V
10.0
11.2
40
6
40
10
7.0
SMAZ11V
11.0
12.3
20
8
20
10
8.0
SMAZ12V
12.0
13.5
20
8
20
10
9.0
SMAZ13V
13.3
15.0
20
10
20
10
10.0
SMAZ15V
14.7
16.5
20
10
20
10
11.0
SMAZ16V
16.2
18.3
20
12
20
10
12.0
SMAZ18V
18.0
20.3
20
12
20
10
13.0
SMAZ20V
20.0
22.4
20
14
20
10
15.0
SMAZ22V
22.0
24.5
10
14
10
10
17.0
SMAZ24V
24.0
27.6
10
16
10
10
19.0
SMAZ27V
27.0
30.8
10
16
10
10
21.0
SMAZ30V
30.0
34.0
10
18
10
10
23.0
SMAZ33V
33.0
37.0
10
18
10
10
25.0
SMAZ36V
36.0
40.0
10
20
10
10
27.0
(Note 1) The Zener voltage is measured 40ms after power is supplied.
(Note 2) The Dynamic Impedance(ZZ) are measured by superimposing a minute altemating current on the regulated current(IZ).


Similar Part No. - SMAZ9.1V

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SMAZ91 SUNMATE-SMAZ91 Datasheet
396Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Micro Commercial Compon...
SMAZ9V1 MCC-SMAZ9V1 Datasheet
313Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
logo
Surge Components
SMAZ9V1 SURGE-SMAZ9V1 Datasheet
1Mb / 4P
   High surge capability
logo
Diodes Incorporated
SMAZ9V1 DIODES-SMAZ9V1 Datasheet
60Kb / 3P
   1.0A SURFACE MOUNT ZENER DIODE
DS18015 Rev. 9 - 2
SMAZ9V1 DIODES-SMAZ9V1 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
More results

Similar Description - SMAZ9.1V

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
2.2HC SEMTECH-2.2HC Datasheet
239Kb / 4P
   SILICON PLANAR ZENER DIODE
logo
Rectron Semiconductor
BZM55C-BS RECTRON-BZM55C-BS Datasheet
155Kb / 5P
   SILICON PLANAR ZENER DIODE
BZX55C2V0 RECTRON-BZX55C2V0 Datasheet
196Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
Semtech Corporation
2.0HS SEMTECH-2.0HS Datasheet
280Kb / 4P
   SILICON PLANAR ZENER DIODE
logo
Rectron Semiconductor
1N4728A RECTRON-1N4728A_12 Datasheet
178Kb / 5P
   SILICON PLANAR ZENER DIODE
1N4448 RECTRON-1N4448_12 Datasheet
222Kb / 5P
   SILICON PLANAR ZENER DIODE
BZX55C-BS RECTRON-BZX55C-BS Datasheet
278Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
Diodes Incorporated
ZPD1 DIODES-ZPD1 Datasheet
63Kb / 3P
   SILICON PLANAR ZENER DIODE
DS21402 Rev. E-3
logo
Rectron Semiconductor
BZV55C-BS RECTRON-BZV55C-BS Datasheet
196Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
KEC(Korea Electronics)
Z02W2.0V KEC-Z02W2.0V Datasheet
92Kb / 5P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com