Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIC3211SN32A Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KIC3211SN32A
Description  Analog CMOS Integrated Circuits
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC3211SN32A Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KIC3211SN32A Datasheet HTML 1Page - KEC(Korea Electronics) KIC3211SN32A Datasheet HTML 2Page - KEC(Korea Electronics) KIC3211SN32A Datasheet HTML 3Page - KEC(Korea Electronics) KIC3211SN32A Datasheet HTML 4Page - KEC(Korea Electronics) KIC3211SN32A Datasheet HTML 5Page - KEC(Korea Electronics) KIC3211SN32A Datasheet HTML 6Page - KEC(Korea Electronics) KIC3211SN32A Datasheet HTML 7Page - KEC(Korea Electronics) KIC3211SN32A Datasheet HTML 8Page - KEC(Korea Electronics) KIC3211SN32A Datasheet HTML 9Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2011. 5. 27
2/9
KIC3211 Series
Revision No : 1
SECLECTION GUIDE
The output voltage, package type for the ICs can be selected at the user’s request.
The selection can be made with designating the part number as shown below;
KIC3211XX XXA
← Part Number
a
b
Code
Contents
a
Dessignation of Package Type:
SN : SON1612-6
b
Setting Output Voltage (VOUT) :
Stepwise setting with a step of 0.1V in the range of 1.2V to 4.0V is possible.
Line up
Item
Output Voltage
Marking
Package
Item
Output Voltage
Marking
Package
KIC3211SN12A
1.2V
12A
SON1612-6
KIC3211SN27A
2.7V
27A
SON1612-6
KIC3211SN13A
1.3V
13A
KIC3211SN28A
2.8V
28A
KIC3211SN14A
1.4V
14A
KIC3211SN29A
2.9V
29A
KIC3211SN15A
1.5V
15A
KIC3211SN30A
3.0V
30A
KIC3211SN16A
1.6V
16A
KIC3211SN31A
3.1V
31A
KIC3211SN17A
1.7V
17A
KIC3211SN32A
3.2V
32A
KIC3211SN18A
1.8V
18A
KIC3211SN33A
3.3V
33A
KIC3211SN19A
1.9V
19A
KIC3211SN34A
3.4V
34A
KIC3211SN20A
2.0V
20A
KIC3211SN35A
3.5V
35A
KIC3211SN21A
2.1V
21A
KIC3211SN36A
3.6V
36A
KIC3211SN22A
2.2V
22A
KIC3211SN37A
3.7V
37A
KIC3211SN23A
2.3V
23A
KIC3211SN38A
3.8V
38A
KIC3211SN24A
2.4V
24A
KIC3211SN39A
3.9V
39A
KIC3211SN25A
2.5V
25A
KIC3211SN40A
4.0V
40A
KIC3211SN26A
2.6V
26A
PIN DESCRIPTIONS
54
6
23
1
Pin No.
Pin name
Pin Description
1
VDD
Input Pin
2
GND
Ground Pin
3
VOUT
Regulator Output
4
NC
No connectin
5
GND
Ground Pin
6
CE
Enable/Shutdown (Input) : CMOS compatible input.
Logic high=enable, logic low=shutdown. Do not leave open.
SON1612-6 PKG


Similar Part No. - KIC3211SN32A

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC3211 KEC-KIC3211 Datasheet
356Kb / 10P
   Analog CMOS Integrated Circuits
KIC3211TSN12A KEC-KIC3211TSN12A Datasheet
356Kb / 10P
   Analog CMOS Integrated Circuits
KIC3211TSN13A KEC-KIC3211TSN13A Datasheet
356Kb / 10P
   Analog CMOS Integrated Circuits
KIC3211TSN14A KEC-KIC3211TSN14A Datasheet
356Kb / 10P
   Analog CMOS Integrated Circuits
KIC3211TSN15A KEC-KIC3211TSN15A Datasheet
356Kb / 10P
   Analog CMOS Integrated Circuits
More results

Similar Description - KIC3211SN32A

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC3211 KEC-KIC3211 Datasheet
356Kb / 10P
   Analog CMOS Integrated Circuits
KIC3522F KEC-KIC3522F Datasheet
381Kb / 6P
   Analog CMOS Integrated Circuits
KIC6971F KEC-KIC6971F Datasheet
499Kb / 8P
   Analog CMOS Integrated Circuits
KIC7608 KEC-KIC7608 Datasheet
1Mb / 15P
   Analog CMOS Integrated Circuits
KIC3926S KEC-KIC3926S Datasheet
64Kb / 6P
   Analog CMOS Integrated Circuits
KIC7108 KEC-KIC7108 Datasheet
920Kb / 8P
   Analog CMOS Integrated Circuits
KAC3305DN KEC-KAC3305DN Datasheet
481Kb / 6P
   Analog CMOS Integrated Circuits
KIC7508 KEC-KIC7508 Datasheet
771Kb / 7P
   Analog CMOS Integrated Circuits
KAC3304DU KEC-KAC3304DU Datasheet
63Kb / 7P
   Analog CMOS Integrated Circuits
KIC6961T KEC-KIC6961T Datasheet
1Mb / 11P
   Analog CMOS Integrated Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com